Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSMD030 Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # MSMD030
Description  Resettable Fuse PTC SMD1812 Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

MSMD030 Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  MSMD030 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD MSMD030 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMD1812 Series
thermal Derating Chart-IH(A)
Maximum ambient operating temperatures ℃
Part Number
-40℃
-20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
mSMD125
2.00
1.75
1.52
1.25A
1.00
0.95
0.90
0.75
0.53
mSMD125-8
2.00
1.75
1.52
1.25A
1.00
0.95
0.90
0.75
0.53
mSMD150
2.30
2.05
1.77
1.50A
1.23
1.09
0.95
0.82
0.61
mSMD150-16
2.30
2.05
1.77
1.50A
1.23
1.09
0.95
0.82
0.61
mSMD150-24
2.30
2.05
1.77
1.50A
1.23
1.09
0.95
0.82
0.61
mSMD160
2.45
2.15
1.89
1.60A
1.34
1.25
1.15
0.96
0.79
mSMD200
2.89
2.61
2.30
2.00A
1.75
1.66
1.45
1.39
1.19
mSMD200-12
2.89
2.61
2.30
2.00A
1.75
1.66
1.45
1.39
1.19
mSMD200-16
2.89
2.61
2.30
2.00A
1.75
1.66
1.45
1.39
1.19
mSMD260
3.76
3.39
2.99
2.60A
2.28
2.16
1.89
1.81
1.55
mSMD260-12
3.38
3.05
2.69
2.60A
2.05
1.94
1.70
1.63
1.39
mSMD260-16
3.38
3.05
2.69
2.60A
2.05
1.94
1.70
1.63
1.39
mSMD300
4.34
3.92
3.45
3.00A
2.63
2.49
2.18
2.09
1.79
mSMD350
5.06
4.57
4.03
3.50A
3.06
2.91
2.54
2.43
2.08
Electrical characteristics(25℃)
Part Number
I Hold I Trip
Vmax Imax
Pd
Max
Maximum Time to
Trip
Resistance(Ω)
Certification
Delivery Time
A
A
DC
A
W
Current
A)
Time
S)
Rimin
R1max
UL TUV
in stock Produce
mSMD010
0.10
0.30
30V
100
0.8
0.5
1.50
0.750
15.0
3days 18days
mSMD010-60
0.10
0.30
60V
100
0.8
0.5
1.50
0.750
15.0
3days 18days
mSMD014-33
0.14
0.34
33V
100
0.8
1.5
0.15
0.650
6.00
3days 18days
mSMD014
0.14
0.34
60V
100
0.8
1.5
0.15
0.650
6.00
3days 18days
mSMD020
0.20
0.40
30V
100
0.8
8.0
0.02
0.350
5.00
3days 18days
mSMD030
0.30
0.60
30V
100
0.8
8.0
0.10
0.250
3.00
3days 18days
mSMD050
0.50
1.00
15V
100
0.8
8.0
0.15
0.150
1.00
3days 18days
mSMD050-24
0.50
1.00
24V
100
0.8
8.0
0.15
0.150
1.00
3days 18days
mSMD050-30
0.50
1.00
30V
100
0.8
8.0
0.15
0.150
1.00
3days 18days
mSMD075
0.75
1.50 13.2V
100
0.8
8.0
0.20
0.090
0.45
3days 18days
mSMD075-24
0.75
1.50
24V
100
0.8
8.0
0.20
0.090
0.45
3days 18days
mSMD075-33
0.75
1.50
33V
100
0.8
8.0
0.20
0.090
0.45
3days 18days
Specifications are subject to change without notice
3
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com


Similar Part No. - MSMD030

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19 Datasheet
622Kb / 7P
   Momentary action switch double pole
05.01.2022
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
   Momentary action switch double pole
05.01.2022
More results

Similar Description - MSMD030

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JK-MSMD010 HUAXINAN-JK-MSMD010_V01 Datasheet
407Kb / 8P
   Resettable Fuse PTC SMD1812 Series
JK-MSMD190L HUAXINAN-JK-MSMD190L Datasheet
414Kb / 8P
   Low Resistance Resettable Fuse PTC SMD1812 Series
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com