Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-5H5-K-VD Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # VE-5H5-K-VD
Description  POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VE-5H5-K-VD Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  VE-5H5-K-VD Datasheet HTML 1Page - Fujitsu Component Limited. VE-5H5-K-VD Datasheet HTML 2Page - Fujitsu Component Limited. VE-5H5-K-VD Datasheet HTML 3Page - Fujitsu Component Limited. VE-5H5-K-VD Datasheet HTML 4Page - Fujitsu Component Limited. VE-5H5-K-VD Datasheet HTML 5Page - Fujitsu Component Limited. VE-5H5-K-VD Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
VE SERIES
s COIL DATA CHART
MODEL
Nominal
Coil
Must
Must
Nominal
VE-( ) HM VE-( ) HME
VE-( ) HM5
voltage
resistance
operate
release
power
VE-( ) H
VE-( ) HE
VE-( ) H5
(
±10%)
voltage
voltage
VE- 5H (M) (E)-K
VE- 5H (M) (E) 5-K
5 VDC
69
3.5 VDC
0.25 VDC
360 mW
VE- 6H (M) (E)-K
VE- 6H (M) (E) 5-K
6 VDC
100
4.2 VDC
0.3 VDC
360 mW
VE- 9H (M) (E)-K
VE- 9H (M) (E) 5-K
9 VDC
225
6.3 VDC
0.45 VDC
360 mW
VE 12H (M) (E)-K
VE-12H (M) (E) 5-K
12 VDC
400
8.4 VDC
0.6 VDC
360 mW
VE-18H (M) (E)-K
VE-18H (M) (E) 5-K
18 VDC
900
12.6 VDC
0.9 VDC
360 mW
VE-24H (M) (E)-K
VE-24H (M) (E) 5-K
24 VDC
1,600
16.8 VDC
1.2 VDC
360 mW
VE-48H (M) (E)-K
VE-48H (M) (E) 5-K
48 VDC
6,400
33.6 VDC
2.4 VDC
360 mW
VE- 5H (M) S (E)-K
VE- 5H (M) S5-K
5 VDC
100
3.6 VDC
0.25 VDC
250 mW
VE- 6H (M) S (E)-K
VE- 6H (M) S5-K
6 VDC
145
4.3 VDC
0.3 VDC
250 mW
VE- 9H (M) S (E)-K
VE- 9H (M) S5-K
9 VDC
325
6.5 VDC
0.45 VDC
250 mW
VE 12H (M) S (E)-K
VE-12H (M) S5-K
12 VDC
575
8.6 VDC
0.6 VDC
250 mW
VE-18H (M) S (E)-K
VE-18H (M) S5-K
18 VDC
1,300
13.0 VDC
0.9 VDC
250 mW
VE-24H (M) S (E)-K
VE-24H (M) S5-K
24 VDC
2,310
17.3 VDC
1.2 VDC
250 mW
VE-48H (M) S (E)-K
VE-48H (M) S5-K
48 VDC
9,220
34.7 VDC
2.4 VDC
250 mW
s CHARACTERISTIC DATA
Note: All values in the table are measured at 20
°C.


Similar Part No. - VE-5H5-K-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VE-12H-K-HV-VD FUJITSU-VE-12H-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HE5-K-HV-VD FUJITSU-VE-12HE5-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HM-K-HV-VD FUJITSU-VE-12HM-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HME5-K-HV-VD FUJITSU-VE-12HME5-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMS-K-HV-VD FUJITSU-VE-12HMS-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results

Similar Description - VE-5H5-K-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com