Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11-12-300-5451 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 11-12-300-5451
Description  Han-Yellock 30 cover for hood Hoods
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

11-12-300-5451 Datasheet(HTML) 1 Page - HARTING Technology Group

  11-12-300-5451 Datasheet HTML 1Page - HARTING Technology Group 11-12-300-5451 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
11 12 300 5451
Han-Yellock 30 cover for hood
Han-Yellock 30 cover for hood
Image is for illustration purposes only. Please refer to product description.
Part number
11 12 300 5451
Specification
Han-Yellock 30 cover for hood
HARTING eCatalogue
https://b2b.harting.com/11123005451
Identification
Category
Hoods/Housings
Series of hoods/housings
Han-Yellock®
Type of hood/housing
Protection cover
Description of hood/housing
for carrier hoods
With fixing cord
Thermoplastic
Version
Size
Han-Yellock® 30
Field of application
Hoods/housings for industrial applications
Technical characteristics
Limiting temperature
-40 ... +125 °C
Un-/locking temperature
-10 ... +85 °C
Degree of protection acc. to IEC 60529
IP65
IP67
Material properties
Material (seal)
NBR
Material flammability class acc. to UL 94
V-0
RoHS
compliant
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
No
Page 1 / 2 | Creation date 2020-03-26 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 11-12-300-5451

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
11-12-300-5452 HARTING-11-12-300-5452 Datasheet
522Kb / 2P
   Han-Yellock 30 cover for hood high
More results

Similar Description - 11-12-300-5451

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
11-12-300-1602 HARTING-11-12-300-1602 Datasheet
497Kb / 2P
   Han-Yellock 30 Hood-M32 angled Hoods
11-12-300-1601 HARTING-11-12-300-1601 Datasheet
517Kb / 2P
   Han-Yellock 30 Hood-M25 angled Hoods
11-12-300-1600 HARTING-11-12-300-1600 Datasheet
525Kb / 2P
   Han-Yellock 30 Hood-M20 angled Hoods
11-12-300-5452 HARTING-11-12-300-5452 Datasheet
522Kb / 2P
   Han-Yellock 30 cover for hood high
11-12-600-5451 HARTING-11-12-600-5451 Datasheet
468Kb / 2P
   Han-Yellock 60 cover for hoods
11-12-600-5452 HARTING-11-12-600-5452 Datasheet
545Kb / 2P
   Han-Yellock 60 cover for hood high
11-12-300-1204 HARTING-11-12-300-1204 Datasheet
575Kb / 2P
   Han-Yellock 30 HSM 2xM20 Hoods
11-12-300-1202 HARTING-11-12-300-1202 Datasheet
575Kb / 2P
   Han-Yellock 30 HSM 1xM32 Hoods
11-12-600-1415 HARTING-11-12-600-1415 Datasheet
551Kb / 2P
   Han-Yellock 60-Hood-M20/M25 TE Hoods
11-12-600-0110 HARTING-11-12-600-0110 Datasheet
509Kb / 2P
   Han-Yellock 60 carrier hood button slot Hoods
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com