Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JPC817 Datasheet(PDF) 6 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # JPC817
Description  Current conversion ratio (CTR: minimum 50% Working conditions I F = 5mA, V CE =
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

JPC817 Datasheet(HTML) 6 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  JPC817 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. JPC817 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. JPC817 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. JPC817 Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd. JPC817 Datasheet HTML 5Page - Guangdong Juxing Electronics Technology Co., Ltd. JPC817 Datasheet HTML 6Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Outline Dimensions 外形尺寸
Unit: mm (inch)
4-pin DIP
4-pin DIP (M Type)
4-pin SMD
http://www.trr-jx.com
version: 02
JPC817


Similar Description - JPC817

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ORPC-817 YFWDIODE-ORPC-817 Datasheet
980Kb / 5P
   Current conversion ratio (CTR: min.50% working condition IF=5mA, VCE=5V
logo
Guangdong Youtai Semico...
PS2701-1 UMW-PS2701-1 Datasheet
1Mb / 6P
   Current conversion ratio (CTR) range: 50~300% (IF =5mA ,VCE =5V)
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
   Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
UMW817C-S UMW-UMW817C-S Datasheet
2Mb / 4P
   Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
logo
Sony Corporation
CXA1103AM SONY-CXA1103AM Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
logo
Solid State Optronic
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
   Trigger Current (5mA MAX)
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
   5mA~450mA Constant Current Regulator
logo
M/A-COM Technology Solu...
90XXXX MA-COM-90XXXX Datasheet
511Kb / 3P
   High Working Voltage: 50 V
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
   Low Input Control Current (5mA MAX)
logo
Vishay Siliconix
VOS617A VISHAY-VOS617A Datasheet
155Kb / 9P
   High CTR with low input current
Rev. 1.2, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com