Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73DE Datasheet(PDF) 3 Page - 3M Electronics

Part # 73DE
Description  3M??Novec??73DE Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

73DE Datasheet(HTML) 3 Page - 3M Electronics

  73DE Datasheet HTML 1Page - 3M Electronics 73DE Datasheet HTML 2Page - 3M Electronics 73DE Datasheet HTML 3Page - 3M Electronics 73DE Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
3MNovec73DE Engineered Fluid
Materials Compatibility1
Note:The following technical information and data should be considered representative or typical only and should
not be used for specification purposes. Data compiled from published information.
3MNovec73DE Engineered Fluid
Plastics
Elastomers
Metals
Compatible
Incompatible
Compatible
Incompatible
Compatible
Incompatible
Acetal
DuPontKalrez
Perfluoroelastomers
Copper
Epoxy
Brass
Nylon
ABS
Butyl Rubber
Silicone
Stainless Steel
PEEK
Magnesium
Polyester
Polystyrene
Parfluor
Perfluoroelastomers
Titanium
Polyethylene
Acrylic
Viton
Fluoroelastomers
Fluorosilicone
Aluminum
Polypropylene
Polycarbonate
Polyurethane
Carbon Steel
PTFE
Cadmium
1
Not a complete list. Novec 73DE fluid is a high solvency cleaning fluid. It is compatible with most metals and solvent-resistant plastics. Parts
containing solvent-sensitive plastics and elastomeric materials should be evaluated prior to cleaning. Consult a 3M Technical Representative
for specific material compatibility in your process.
Aerospace Materials Compatibility
3MNovec73DE Engineered Fluid has been tested for Aircraft Exterior Surface Cleaner Compatibility (AMS 1526B).
Note:The following technical information and data should be considered representative or typical only and should
not be used for specification purposes.
Test Description
ASTM Test Method1
3MNovec73DE Engineered Fluid Results
Sandwich Corrosion
F1110
Conforms
Effect on Painted Surfaces
F502
Conforms
Hydrogen Embrittlement
F519
Conforms
Effect on Unpainted Surfaces
F485
Conforms
Total Immersion Corrosion
F483
Conforms
Low-Embrittling Cadmium Plate
F1111
Conforms
Flash Point
D56
Conforms
Acrylic Stress Crazing
F484
Does not conform2
Stress Corrosion of Titanium Alloys
F9453
Conforms
1
Tested in accordance with the ASTM test method shown
2
Novec 73DE fluid caused visible crazing of acrylic plastics
3
Not a part of AMS 1526B
Safety and Handling
Before using this product, please read the current Safety Data Sheet (available at 3M.com/Novec or through your
3M sales or technical service representative) and the precautionary statement on the product package. Follow all
applicable precautions and directions. 3MNovec73DE Engineered Fluid is non-flammable and does not exhibit
flammability characteristics under normal operating and storage conditions. The fluid is resistant to thermal breakdown
and hydrolysis during storage and use. Contents may be under pressure if shipped at elevated temperatures.
Open container slowly to vent pressure.


Similar Part No. - 73DE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73D2248A TDK-73D2248A Datasheet
66Kb / 9P
MNP5, V.42bis Datacom Modem Device Set
73D2348A TDK-73D2348A Datasheet
66Kb / 9P
MNP5, V.42bis Datacom Modem Device Set
More results

Similar Description - 73DE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
3M??Novec??7700 Engineered Fluid
7500 3M-7500 Datasheet
305Kb / 8P
3M??Novec??7500 Engineered Fluid
7300 3M-7300 Datasheet
166Kb / 4P
3M??Novec??7300 Engineered Fluid
7200DL 3M-7200DL Datasheet
169Kb / 4P
3M??Novec??7200DL Engineered Fluid
7200 3M-7200 Datasheet
167Kb / 4P
3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
3M??Novec??72DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
3M??Novec??71DE Engineered Fluid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com