Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73DE Datasheet(PDF) 2 Page - 3M Electronics

Part # 73DE
Description  3M??Novec??73DE Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

73DE Datasheet(HTML) 2 Page - 3M Electronics

  73DE Datasheet HTML 1Page - 3M Electronics 73DE Datasheet HTML 2Page - 3M Electronics 73DE Datasheet HTML 3Page - 3M Electronics 73DE Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
3MNovec73DE Engineered Fluid
Applications
• Cleaning solvent for vapor degreasing, immersion cleaning and spray cleaning
• Solvent cleaner for heavy greases, oils, waxes, silicones and non-polar flux residues
• Lubricant deposition applications where increased solvency is desired
Environmental Properties
Note: The following technical information and data should be considered representative or typical only and should
not be used for specification purposes. Data compiled from published information
Properties
3MNovec73DE
Engineered Fluid
HCFC-141b
HCFC-225ca/cb
TCE
nPB
Ozone Depletion Potential (ODP)
0
0.1
0.03
0
0.026
Global Warming Potential (GWP)1
47
782
127/525
<1
<1
Flash Point2
None
None
None
None
None
1
GWP 100-year integrated time horizon (ITH), IPCC 2013
2
Closed cup flash point test method
Comparison of Safety Profiles
Margin of safety is calculated by exposure guideline divided by exposure. The larger the safety margin, the safer the
product is in its intended use.
Note:Data compiled from published information. Not for specification purposes.
Properties
3MNovec73DE
Engineered Fluid
HCFC-141b
HCFC-225ca/cb
TCE
nPB
Exposure Guideline (ppmv)
100 / 200
500
50
10
0.1
Estimated Exposure (ppmv)
10
10
10
10
10
Margin of Safety2
20
50
5
None3
Exposure exceeds
guideline by 100x
1
3MNovec73DE Engineered Fluid is comprised of two components. The values shown are for each component: 3MNovec7300 Engineered
Fluid / trans-1, 2-dichloroethylene
2
Published exposure guideline (8 hour TWA, ppmv) divided by estimated exposure level of 10 ppmv for vapor degreasing
3
There is no safety margin at this exposure
Regulations on Chlorine-Containing Solvents
Because of its favorable health and environmental properties, trans-1, 2-dichloroethylene (t-DCE) is subject to less
stringent regulations compared to the other chlorinated solvents. U.S. regulations affecting 3MNovec73DE
Engineered Fluid include volatile organic compound (VOC) emissions of t-DCE and reporting requirements if
t-DCE is emitted into water or if a spill of 1176 lbs. or more of Novec 73DE fluid occurs. t-DCE is not considered a
Hazardous Air Pollutant (HAP).
Note:Data compiled from published information. Not for specification purposes.
U.S. Regulation
t-DCE
TCE
PERC
Methylene Chloride
VOC Designation
Yes
Yes
Yes
No
Reportable Quantity for Accidental Release
1000 lbs.
100 lbs.
100 lbs.
1000 lbs.
Regulated if Emitted into Water
Yes
Yes
Yes
Yes
Hazardous Air Pollutant
No
Yes
Yes
Yes
Annual Reporting (EPCRA 313) (SARA)
No
Yes
Yes
Yes
OSHA List of Toxins / Carcinogens
No
Yes
Yes
Yes


Similar Part No. - 73DE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73D2248A TDK-73D2248A Datasheet
66Kb / 9P
MNP5, V.42bis Datacom Modem Device Set
73D2348A TDK-73D2348A Datasheet
66Kb / 9P
MNP5, V.42bis Datacom Modem Device Set
More results

Similar Description - 73DE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
3M??Novec??7700 Engineered Fluid
7500 3M-7500 Datasheet
305Kb / 8P
3M??Novec??7500 Engineered Fluid
7300 3M-7300 Datasheet
166Kb / 4P
3M??Novec??7300 Engineered Fluid
7200DL 3M-7200DL Datasheet
169Kb / 4P
3M??Novec??7200DL Engineered Fluid
7200 3M-7200 Datasheet
167Kb / 4P
3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
3M??Novec??72DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
3M??Novec??71DE Engineered Fluid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com