Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73DE Datasheet(PDF) 4 Page - 3M Electronics

Part # 73DE
Description  3M??Novec??73DE Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

73DE Datasheet(HTML) 4 Page - 3M Electronics

  73DE Datasheet HTML 1Page - 3M Electronics 73DE Datasheet HTML 2Page - 3M Electronics 73DE Datasheet HTML 3Page - 3M Electronics 73DE Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety Data Sheet: Consult Safety Data Sheet before use.
Regulatory: For regulatory information about this product, contact your 3M representative.
Technical Information: The technical information, recommendations and other statements contained in this document are based upon tests or
experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed.
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M
product in a particular application. Given the variety of factors that can affect the use and performance of a 3M product, user is solely responsible for
evaluating the 3M product and determining whether it is fit for a particular purpose and suitable for user’s method of application.
Warranty, Limited Remedy, and Disclaimer: Unless an additional warranty is specifically stated on the applicable 3M product packaging or prod-
uct literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time 3M ships the product. 3M MAKES NO
OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION
OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE
OF DEALING, CUSTOM OR USAGE OF TRADE. If the 3M Product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s
option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability: Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct,
indirect, special, incidental or consequential, regardless of the legal theory asserted, including warranty, contract, negligence or strict liability.
Storage and Shelf Life
The shelf life of 3MNovec73DE Engineered Fluid is 24 months from the date of manufacture when stored in the
original, unopened packaging materials and stored at 21°C (70°F) and 50% relative humidity.
Maintain storage temperature below 38°C (100°F) to prevent excess pressure on the container by the product.
Protect from freezing. If stored below -10°C (14°F), mix before use.
Used Fluid Program
3M offers a program for free pickup and disposal of used 3M specialty fluids in the U.S. A handling agreement between
users and our authorized service provider offers users broad protection against future liability for used 3M product. The
used fluid program is covered by independent third-party financial and environmental audits of treatment, storage and
disposal facilities. Necessary documentation is provided. A minimum of 30 gallons of used 3M specialty fluid is required
for participation in this free program.
For additional information on the 3M Used Fluid Program, contact your local 3M representative or call 3M Customer
Service at 800.810.8513.
3MNovec73DE Engineered Fluid
3M and Novec are trademarks of 3M Company.
Viton is a trademark of The Chemours Company.
Kalrez is a trademark of E. I. du Pont de Nemours
and Company or its affiliates. Parfluor is a trade-
mark of Parker Hannifin Corporation. All other
trademarks belong to their respective owners.
Please recycle.
©3M 2016. All rights reserved.
60-5002-0915-4
Electronics Materials Solutions Division
3M Center, Building 224-3N-11
St. Paul, MN 55144-1000
Phone
1-800-810-8513
Web
www.3M.com/novec
The Novec brand is the hallmark for a variety of proprietary 3M products. Although each has its own unique formula
and performance properties, all Novec products are designed in common to address the need for safe, effective,
sustainable solutions in industry-specifc applications. These include precision and electronics cleaning, heat transfer,
fire protection, protective coatings, immersion cooling, advanced insulation media replacement solutions and several
specialty chemical applications.
The 3MNovec
Brand Family
3MNovecEngineered Fluids • 3MNovecAerosol Cleaners • 3MNovec1230 Fire Protection Fluid • 3MNovecElectronic Grade Coatings • 3MNovecElectronic Surfactants • 3MNovecDielectric Fluids


Similar Part No. - 73DE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73D2248A TDK-73D2248A Datasheet
66Kb / 9P
MNP5, V.42bis Datacom Modem Device Set
73D2348A TDK-73D2348A Datasheet
66Kb / 9P
MNP5, V.42bis Datacom Modem Device Set
More results

Similar Description - 73DE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
3M??Novec??7700 Engineered Fluid
7500 3M-7500 Datasheet
305Kb / 8P
3M??Novec??7500 Engineered Fluid
7300 3M-7300 Datasheet
166Kb / 4P
3M??Novec??7300 Engineered Fluid
7200DL 3M-7200DL Datasheet
169Kb / 4P
3M??Novec??7200DL Engineered Fluid
7200 3M-7200 Datasheet
167Kb / 4P
3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
3M??Novec??72DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
3M??Novec??71DE Engineered Fluid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com