Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7200DL Datasheet(PDF) 1 Page - 3M Electronics

Part # 7200DL
Description  3M??Novec??7200DL Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7200DL Datasheet(HTML) 1 Page - 3M Electronics

  7200DL Datasheet HTML 1Page - 3M Electronics 7200DL Datasheet HTML 2Page - 3M Electronics 7200DL Datasheet HTML 3Page - 3M Electronics 7200DL Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Introduction
3MNovec7200DL Engineered Fluid is a high purity version of 3MNovec7200 Engineered Fluid
introduced to meet the demanding needs of the disk drive industry. Product specifications are tightly controlled
for the following:
ions
metals
particulate
non-volatile residue
Novec 7200DL fluid is used by the disk drive industry for the deposition of lubricants and lubricant additives
onto hard disk media as well as for cleaning during the processing of head gimbal assemblies. It is also used in
other electronics and in medical industry applications that require a high purity and consistent product.
3MNovec7200DL Engineered Fluid
Product Information
Typical Physical Properties
Environmental and Safety Properties
Properties
3MNovec7200DL Engineered Fluid
Molecular Weight
264
Boiling Point (°C)
76
Freeze Point (°C)
-138
Liquid Density (g/ml)
1.42
Surface Tension (dynes/cm)
13.6
Solubility of Solvent in Water, ppmw
<20
Solubility of Water in Solvent, ppmw
92
Vapor Pressure (mmHg)
118
Viscosity (cps)
0.58
Heat of Vaporization (cal/g @ boiling point)
28
Specific Heat (cal/g °C)
0.29
Properties
3MNovec7200DL Engineered Fluid
Ozone Depletion Potential–ODP1
0.00
Global Warming Potential2
55
Atmospheric Lifetime (years)
0.77
Flash Point
None
Flammability Range in Air
2.4-12.4%
1
CFC-11=1.0
2
GWP–100 year ITH, CO2 = 1.0
Data compiled
from published
information.
Not for specification
purposes. All values
@ 25°C unless
otherwise specified.
Material Description
Ingredients
3MNovec7200DL Engineered Fluid
Ethoxy-nonafluorobutane
99.0% minimum
Non-volatile residue (NVR)
1.0 ppm maximum
Appearance
Clear, colorless


Similar Part No. - 7200DL

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7200 GILWAY-7200 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Filtran LTD
7200 FILTRAN-7200 Datasheet
182Kb / 2P
ADSL 24 CHANNEL POTS SPLITTER FOR ADSL
logo
List of Unclassifed Man...
7200 ETC2-7200 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
TT Electronics.
7200 TTELEC-7200 Datasheet
844Kb / 5P
Multi-Turn Precision Potentiometer
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
Press-fit interconnect solutions
More results

Similar Description - 7200DL

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
3M??Novec??7700 Engineered Fluid
7500 3M-7500 Datasheet
305Kb / 8P
3M??Novec??7500 Engineered Fluid
7300 3M-7300 Datasheet
166Kb / 4P
3M??Novec??7300 Engineered Fluid
7200 3M-7200 Datasheet
167Kb / 4P
3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
3M??Novec??649 Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
3M??Novec??73DE Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
3M??Novec??72DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
3M??Novec??71DE Engineered Fluid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com