Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8K22 Datasheet(PDF) 1 Page - Rohm

Part # SP8K22
Description  Switching (45V, 4.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K22 Datasheet(HTML) 1 Page - Rohm

  SP8K22 Datasheet HTML 1Page - Rohm SP8K22 Datasheet HTML 2Page - Rohm SP8K22 Datasheet HTML 3Page - Rohm SP8K22 Datasheet HTML 4Page - Rohm SP8K22 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SP8K22
Transistor
1/4
Switching (45V, 4.5A)
SP8K22
Features
1) Built-in G-S Protection Diode.
2) Small and Surface Mount Package (SOP8).
Applications
Power switching , DC / DC converter , Inverter
Structure
Silicon N-channel
MOS FET
Packaging dimensions
External dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Equivalent circuit
Each lead has same dimensions
SOP8
5.0
±0.2
0.2
±0.1
1.27
0.4
±0.1
0.1
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Source
(4) Tr2 Gate
(5) Tr2 Drain
(6) Tr2 Drain
(7) Tr1 Drain
(8) Tr1 Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
(1) (2) (3) (4)
(8) (7) (6) (5)
∗2
∗1
∗2
∗1
(8)
(7)
(1)
(2)
(6)
(5)
(3)
(4)
∗A protection diode is included between the gate and
the source terminals to protect the diode against static
electricity when the product is in use. Use the protection
circuit when the fixed voltages are exceeded.
It is the same ratings for the Tr. 1 and Tr. 2.
Package
Taping
Code
TB
asic ordering unit(pieces)
2500
B
Symbol
Limits
Unit
VDSS
45
V
VGSS
20
V
Continuous
ID
±4.5
A
Pulsed
IDP
±18
A  
*1
Continuous
IS
1A
Pulsed
ISP
18
A
 *1
2
W/TOTAL
*2
1.4
W/ELEMENT
*2
Tch
150
oC
Tstg
-55 to +150
oC
*2 Mounted on a ceramic board
otal power dissipation
PD
Parameter
rain-source voltage
te-source voltage
rain current
ource current
Body diode)
hanel temperature
ge of Storage temperature
W≦10
µs、Duty cycle≦1%
T
D
Ga
D
S
(
C
Ran
*1 P


Similar Part No. - SP8K22

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K22-TB VBSEMI-SP8K22-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
logo
VBsemi Electronics Co.,...
SP8K22FU6TB VBSEMI-SP8K22FU6TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SP8K22FU7TB VBSEMI-SP8K22FU7TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SP8K22

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD046P05FRA ROHM-RSD046P05FRA Datasheet
596Kb / 16P
   Pch 45V 4.5A Power MOSFET
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
   Pch -45V -4.5A Power MOSFET
RD3H045SPFRA ROHM-RD3H045SPFRA Datasheet
2Mb / 15P
   Pch -45V -4.5A Power MOSFET
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
   Pch 45V 4.5A Power MOSFET
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
   Switching (30V, 4.5A)
SP8J2TB ROHM-SP8J2TB Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8K24 ROHM-SP8K24 Datasheet
151Kb / 5P
   Switching (45V, 6.0A)
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
   Switching (45V, 7.0A)
logo
Linear Technology
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com