Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8K22 Datasheet(PDF) 3 Page - Rohm

Part # SP8K22
Description  Switching (45V, 4.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K22 Datasheet(HTML) 3 Page - Rohm

  SP8K22 Datasheet HTML 1Page - Rohm SP8K22 Datasheet HTML 2Page - Rohm SP8K22 Datasheet HTML 3Page - Rohm SP8K22 Datasheet HTML 4Page - Rohm SP8K22 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SP8K22
Transistor
3/4
Electrical characteristic curves
Fig.2 Static Drain-Source On-State
Resistance vs. Drain Current (1)
Fig.1 Typical Transfer Characteristics
Fig.3 Static Drain-Source On-State
Resistance vs. Drain Current (2)
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current (3)
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Fig.6 Source-Current vs.
Source-Drain Voltage
Fig.7 Typical capacitance vs.
Source-Drain Voltage
Fig.8 Switching Characteristics
Fig.9 Dynamic Input Characteristics
0.01
0.1
1
10
1.0
1.5
2.0
2.5
3.0
3.5
Gate-Source Voltage : VGS [V]
VDS=10V
pulsed
Ta=125
o
C
   75
oC
   25
oC
  -25
o
C
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
VGS=10V
pulsed
Ta=125
o
C
75
oC
25
oC
-25
o
C
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
V
GS=4.5V
pulsed
Ta=125
oC
75
oC
25
oC
-25
oC
1
10
100
1000
0.01
0.1
1
10
Drain Current : I
D [A]
V
GS=4V
pulsed
Ta=125
oC
75
oC
25
oC
-25
oC
0
50
100
150
200
05
10
15
Gate-Source Voltage : V
GS [V]
ID=2.25A
ID=4.5A
Ta=25
oC
pulsed
7
0.01
0.1
1
10
00.5
1
1.5
Source-Drain Voltage : V
SD [V]
V
GS=0V
pulsed
Ta=125
oC
75
oC
25
oC
-25
oC
10
100
1000
10000
0.01
0.1
1
10
100
Drain-Source Voltage : V
DS [V]
Ta=25
oC
f=1MHz
V
GS=0V
Ciss
Coss
Crss
1
10
100
1000
10000
0.01
0.1
1
10
Drain Current : I
D [A]
Ta=25
oC
V
DD=25V
V
GS=10V
R
G=10Ω
Pulsed
td(on)
tr
td(off)
tf
0
2
4
6
8
10
02
46
8
10
12
Total Gate Charge : Qg [nC]
Ta=25
oC
V
DD=25V
I
D=4.5A
R
G=10Ω
Pulsed


Similar Part No. - SP8K22

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K22-TB VBSEMI-SP8K22-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
logo
VBsemi Electronics Co.,...
SP8K22FU6TB VBSEMI-SP8K22FU6TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SP8K22FU7TB VBSEMI-SP8K22FU7TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SP8K22

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD046P05FRA ROHM-RSD046P05FRA Datasheet
596Kb / 16P
   Pch 45V 4.5A Power MOSFET
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
   Pch -45V -4.5A Power MOSFET
RD3H045SPFRA ROHM-RD3H045SPFRA Datasheet
2Mb / 15P
   Pch -45V -4.5A Power MOSFET
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
   Pch 45V 4.5A Power MOSFET
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
   Switching (30V, 4.5A)
SP8J2TB ROHM-SP8J2TB Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8K24 ROHM-SP8K24 Datasheet
151Kb / 5P
   Switching (45V, 6.0A)
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
   Switching (45V, 7.0A)
logo
Linear Technology
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com