Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR600 Datasheet(PDF) 4 Page - 3M Electronics

Part # PR600
Description  3M Scotch-Weld??Plastic and Rubber Instant Adhesives
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PR600 Datasheet(HTML) 4 Page - 3M Electronics

  PR600 Datasheet HTML 1Page - 3M Electronics PR600 Datasheet HTML 2Page - 3M Electronics PR600 Datasheet HTML 3Page - 3M Electronics PR600 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3MScotch-Weld
Plastic and Rubber Instant Adhesives
PR40 • PR100 • PR600 • PR1500 • PR Gel
Storage
For short term storage (<30 days), keep adhesive in a cool (60°F to 80°F [16°C to
27°C]), dry place out of direct sunlight. Keep containers tightly covered and free of
moisture. Refrigeration (40°F [4°C]) gives optimum long term storage stability.
Shelf Life
3M™ Scotch-Weld™ Plastic and Rubber Instant Adhesives can be expected to have
a shelf life of one year from the date of shipment from 3M when stored under
refrigerated conditions.
Precautionary
Information
Refer to Product Label and Material Safety Data Sheet for health and safety information
before using this product. For additional health and safety information, call 1-800-364-3577
or (651) 737-6501.
Technical Information
The technical information, recommendations and other statements contained in this
document are based upon tests or experience that 3M believes are reliable, but the accuracy
or completeness of such information is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can
affect the use and performance of a 3M product in a particular application. Given the
variety of factors that can affect the use and performance of a 3M product, user is solely
responsible for evaluating the 3M product and determining whether it is fit for a particular
purpose and suitable for user’s method of application.
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product
packaging or product literature, 3M warrants that each 3M product meets the applicable
3M product specification at the time 3M ships the product. 3M MAKES NO OTHER
WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY
IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE OF
DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive
remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase
price.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from
the 3M product, whether direct, indirect, special, incidental or consequential, regardless of
the legal theory asserted, including warranty, contract, negligence or strict liability.
ISO 9001: 2000
This product was manufactured under a quality system registered to ISO 9001: 2000 standards.
3
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/structuraladhesives
- 4 -
3M and Scotch-Weld are trademarks of
3M Company.
Santoprene is a registered trademark of
ExxonMobil Chemical.
Viton is a registered trademark of
E.I. DuPont de Nemours Co.
©3M 2010


Similar Part No. - PR600

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR6001 DIODES-PR6001 Datasheet
62Kb / 2P
6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
logo
Fuji Electric
PR6001 FUJI-PR6001 Datasheet
679Kb / 1P
6 AMP FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR6001 DIODES-PR6001 Datasheet
97Kb / 3P
6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. 3 - 2
logo
Compact Technology Corp...
PR6001 CTC-PR6001 Datasheet
41Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
PR6001 ZSELEC-PR6001 Datasheet
132Kb / 2P
6.0A FAST RECOVERY DIODE
More results

Similar Description - PR600

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8010 3M-DP8010 Datasheet
259Kb / 6P
Scotch-Weld??Structural Plastic Adhesives
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld??Acrylic Adhesives
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M??Scotch-Weld??Urethane
EC5 3M-EC5 Datasheet
422Kb / 4P
Scotch-Weld?줗eneral Purpose Instant Adhesives
MC100 3M-MC100 Datasheet
129Kb / 4P
3M Scotch-Weld Metal Instant Adhesive MC100
DP3501 3M-DP3501 Datasheet
286Kb / 6P
3M Scotch-WeldTM Epoxy Adhesives
LO1000 3M-LO1000 Datasheet
349Kb / 4P
Scotch-Weld??Low Odor Instant Adhesives
SI100 3M-SI100 Datasheet
320Kb / 4P
3M Scotch-Weld??Surface Insensitive Instant Adhesives
AC77 3M-AC77 Datasheet
244Kb / 3P
3M Scotch-Weld??Instant Adhesive Activators and Primers
EC-3501 3M-EC-3501 Datasheet
328Kb / 6P
3M??Scotch-Weld??Epoxy Adhesives
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com