Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 101 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 101 Page - NEC

Back Button UPD784938 Datasheet HTML 97Page - NEC UPD784938 Datasheet HTML 98Page - NEC UPD784938 Datasheet HTML 99Page - NEC UPD784938 Datasheet HTML 100Page - NEC UPD784938 Datasheet HTML 101Page - NEC UPD784938 Datasheet HTML 102Page - NEC UPD784938 Datasheet HTML 103Page - NEC UPD784938 Datasheet HTML 104Page - NEC UPD784938 Datasheet HTML 105Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 733 page
background image
101
CHAPTER 3 CPU ARCHITECTURE
Preliminary User’s Manual U13987EJ1V0UM00
Table 3-6. List of Special Function Registers (SFRs) (4/5)
AddressNote 1
Special Function Register (SFR) Name
Symbol
R/W
Manipulable Bit Units
After Reset
1 Bit
8 Bits 16 Bits
0FFBDH
Slave status register
SSR
R
√√
41H
0FFBEH
Success count register
SCR
01H
0FFBFH
Communication count register
CCR
20H
0FFC0H
Standby control register
STBC
R/W
Note 2
30H
0FFC2H
Watchdog timer mode register
WDM
Note 2
00H
0FFC4H
Memory expansion mode register
MM
√√
20H
0FFC5H
Hold mode register
HLDM
√√
00H
0FFC6H
Clock output mode register
CLOM
√√
0FFC7H
Programmable wait control register 1
PWC1
AAH
0FFC8H
Programmable wait control register 2
PWC2
AAAAH
0FFCCH
Refresh mode register
RFM
√√
00H
0FFCDH
Refresh area specification register
RFA
√√
0FFCFH
Oscillation stabilization time specification register
OSTS
0FFD0H to External SFR area
√√
——
0FFDFH
0FFE0H
Interrupt control register (INTP0)
PIC0
√√
43H
0FFE1H
Interrupt control register (INTP1)
PIC1
√√
0FFE2H
Interrupt control register (INTP2)
PIC2
√√
0FFE3H
Interrupt control register (INTP3)
PIC3
√√
0FFE4H
Interrupt control register (INTC00)
CIC00
√√
0FFE5H
Interrupt control register (INTC01)
CIC01
√√
0FFE6H
Interrupt control register (INTC10)
CIC10
√√
0FFE7H
Interrupt control register (INTC11)
CIC11
√√
0FFE8H
Interrupt control register (INTC20)
CIC20
√√
0FFE9H
Interrupt control register (INTC21)
CIC21
√√
0FFEAH
Interrupt control register (INTC30)
CIC30
√√
0FFEBH
Interrupt control register (INTP4)
PIC4
√√
0FFECH
Interrupt control register (INTP5)
PIC5
√√
0FFEDH
Interrupt control register (INTAD)
ADIC
√√
0FFEEH
Interrupt control register (INTSER)
SERIC
√√
0FFEFH
Interrupt control register (INTSR)
SRIC
√√
Interrupt control register (INTCSI1)
CSIIC1
√√
0FFF0H
Interrupt control register (INTST)
STIC
√√
0FFF1H
Interrupt control register (INTCSI)
CSIIC
√√
0FFF2H
Interrupt control register (INTSER2)
SERIC2
√√
Notes 1. When the LOCATION 0 instruction is executed. When the LOCATION 0FH instruction is executed, “F0000H”
should be added to the value shown.
2. The write operation is possible by using the dedicated instruction “MOV STBC, #byte” or “MOV WDM, #byte” only.
Instructions other than these cannot perform the write operation.


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com