Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 100 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 100 Page - NEC

Back Button UPD784938 Datasheet HTML 96Page - NEC UPD784938 Datasheet HTML 97Page - NEC UPD784938 Datasheet HTML 98Page - NEC UPD784938 Datasheet HTML 99Page - NEC UPD784938 Datasheet HTML 100Page - NEC UPD784938 Datasheet HTML 101Page - NEC UPD784938 Datasheet HTML 102Page - NEC UPD784938 Datasheet HTML 103Page - NEC UPD784938 Datasheet HTML 104Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 733 page
background image
100
CHAPTER 3 CPU ARCHITECTURE
Preliminary User’s Manual U13987EJ1V0UM00
Table 3-6. List of Special Function Registers (SFRs) (3/5)
AddressNote
Special Function Register (SFR) Name
Symbol
R/W
Manipulable Bit Units
After Reset
1 Bit
8 Bits 16 Bits
0FF7DH
One-shot pulse output control register
OSPC
R/W
√√
00H
0FF80H
Clocked serial interface mode register 3
CSIM3
√√
0FF82H
Clocked serial interface mode register
CSIM
√√
0FF84H
Clocked serial interface mode register 1
CSIM1
√√
0FF85H
Clocked serial interface mode register 2
CSIM2
√√
0FF86H
Serial shift register
SIO
Undefined
0FF88H
Asynchronous serial interface mode register
ASIM
√√
00H
0FF89H
Asynchronous serial interface mode register 2
ASIM2
√√
0FF8AH
Asynchronous serial interface status register
ASIS
R
√√
0FF8BH
Asynchronous serial interface status register 2
ASIS2
√√
0FF8CH
Serial receive buffer: UART0
RXB
Undefined
Serial transmit shift register: UART0
TXS
W
Serial shift register: IOE1
SIO1
R/W
0FF8DH
Serial receive buffer: UART2
RXB2
R
Serial transmit shift register: UART2
TXS2
W
Serial shift register: IOE2
SIO2
R/W
0FF8EH
Serial shift register: IOE3
SIO3
0FF90H
Baud rate generator control register
BRGC
00H
0FF91H
Baud rate generator control register 2
BRGC2
0FFA0H
External interrupt mode register 0
INTM0
√√
0FFA1H
External interrupt mode register 1
INTM1
√√
0FFA4H
Sampling clock selection register
SCS0
0FFA8H
In-service priority register
ISPR
R
√√
0FFAAH
Interrupt mode control register
IMC
R/W
√√
80H
0FFACH
Interrupt mask register 0L
MK0L
MK0
√√
FFFFH
0FFADH
Interrupt mask register 0H
MK0H
√√
0FFAEH
Interrupt mask register 1L
MK1L
MK1
√√
0FFAFH
Interrupt mask register 1H
MK1H
√√
0FFB0H
Bus control register
BCR
√√
00H
0FFB2H
Unit address register
UAR
0000H
0FFB4H
Slave address register
SAR
0FFB6H
Partner address register
PAR
R
0FFB8H
Control data register
CDR
R/W
01H
0FFB9H
Telegraph length register
DLR
0FFBAH
Data register
DR
00H
0FFBBH
Unit status register
USR
R
√√
0FFBCH
Interrupt status register
ISR
R/W
√√
Note
When the LOCATION 0 instruction is executed. When the LOCATION 0FH instruction is executed, “F0000H” should
be added to the value shown.


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com