Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 94 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 94 Page - NEC

Back Button UPD784938 Datasheet HTML 90Page - NEC UPD784938 Datasheet HTML 91Page - NEC UPD784938 Datasheet HTML 92Page - NEC UPD784938 Datasheet HTML 93Page - NEC UPD784938 Datasheet HTML 94Page - NEC UPD784938 Datasheet HTML 95Page - NEC UPD784938 Datasheet HTML 96Page - NEC UPD784938 Datasheet HTML 97Page - NEC UPD784938 Datasheet HTML 98Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 733 page
background image
94
CHAPTER 3 CPU ARCHITECTURE
Preliminary User’s Manual U13987EJ1V0UM00
3.8.2 Functions
In addition to being manipulated in 8-bit units, the general-purpose registers can also be manipulated in 16-bit units by pairing
two 8-bit registers. Also, four of the 16-bit registers can be combined with an 8-bit register for address extension and manipulated
in 24-bit units.
Each register can be used in a general-purpose way for temporary storage of an operation result and as the operand of an
inter-register operation instruction.
The area from 0FE80H to 0FEFFH (when the LOCATION 0 instruction is executed; 0FFE80H to 0FFEFFH when the
LOCATION 0FH instruction is executed) can be given an address specification and accessed as ordinary data memory
irrespective of whether or not it is used as the general-purpose register area.
As 8 register banks are provided in the 78K/IV Series, efficient programs can be written by using different register banks for
normal processing and processing in the event of an interrupt.
The registers have the following specific functions.
A (R1):
• Register mainly used for 8-bit data transfers and operation processing. Can be used in combination with all addressing
modes for 8-bit data.
• Can also be used for bit data storage.
• Can be used as the register that stores the offset value in indexed addressing and based indexed addressing.
X (R0):
• Can be used for bit data storage.
AX (RP0):
• Register mainly used for 16-bit data transfers and operation processing. Can be used in combination with all
addressing modes for 16-bit data.
AXDE:
• Used for 32-bit data storage when a DIVUX, MACW, or MACSW instruction is executed.
B (R3):
• Has a loop counter function, and can be used by the DBNZ instruction.
• Can be used as the register that stores the offset value in indexed addressing and based indexed addressing.
• Used as the MACW and MACSW instruction data pointer.
C (R2):
• Has a loop counter function, and can be used by the DBNZ instruction.
• Can be used as the register that stores the offset value in based indexed addressing.
• Used as the counter in a string instruction and the SACW instruction.
• Used as the MACW and MACSW instruction data pointer.
RP2:
• Used to save the low-order 16 bits of the program counter (PC) when context switching is used.
RP3:
• Used to save the high-order 4 bits of the program counter (PC) and the program status word (PSW) (excluding bits
0 to 3 of PSWH) when context switching is used.


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com