Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 86 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 86 Page - NEC

Back Button UPD784938 Datasheet HTML 82Page - NEC UPD784938 Datasheet HTML 83Page - NEC UPD784938 Datasheet HTML 84Page - NEC UPD784938 Datasheet HTML 85Page - NEC UPD784938 Datasheet HTML 86Page - NEC UPD784938 Datasheet HTML 87Page - NEC UPD784938 Datasheet HTML 88Page - NEC UPD784938 Datasheet HTML 89Page - NEC UPD784938 Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 733 page
background image
86
CHAPTER 3 CPU ARCHITECTURE
Preliminary User’s Manual U13987EJ1V0UM00
3.7.3 Use of RSS bit
Basically, the RSS bit should be fixed at 0 at all times.
The following explanation refers to the case where a 78K/III Series program is used, and the program used sets the RSS bit
to 1. This explanation can be skipped if the RSS bit is fixed at 0.
The RSS bit is provided to allow the functions of A (R1), X (R0), B (R3), C (R2), AX (RP0), and BC (RP1) to be used by registers
R4 to R7 (RP2, RP3) as well. Effective use of this bit enables efficient programs to be written in terms of program size and
program execution.
However, careless use can result in unforeseen problems. Therefore, the RSS bit should always be set to 0. The RSS bit
should only be set to 1 when a 78K/III Series program is used.
Use of the RSS bit set to 0 in all programs will improve programming and debugging efficiency.
Even when using a program in which the RSS bit set to 1 is used, it is recommended that the program be amended if possible
so that it does not set the RSS bit to 1.
(1) RSS bit specification
• Registers used by instructions for which the A, X, B, C, and AX registers are directly entered in the operand column of
the operation list (see 28.2)
• Registers specified as implied by instructions that use the A, AX, B, and C registers by means of implied addressing
• Registers used in addressing by instructions that use the A, B, and C registers in indexed addressing and based indexed
addressing
The registers used in these cases are switched as follows according to the RSS bit.
When RSS = 0
A
→R1, X→R0, B→R3, C→R2, AX→RP0, BC→RP1
When RSS = 1
A
→R5, X→R4, B→R7, C→R6, AX→RP2, BC→RP3
Registers used other than those mentioned above are always the same irrespective of the value of the RSS bit. With the
NEC assembler (RA78K4), the register operation code generated when the A, X, B, C, AX, and BC registers are described by
those names is determined by the assembler RSS pseudo-instruction.
When the RSS bit is set or reset, an RSS pseudo-instruction must be written immediately before (or immediately after) the
relevant instruction (see example below).
<Program example>
• When RSS is set to 0
RSS
0
; RSS pseudo-instruction
CLR1 PSWL. 5
MOV B, A
; This description is equivalent to “MOV R3, R1”.
• When RSS is set to 1
RSS
1
; RSS pseudo-instruction
SET1 PSWL. 5
MOV B, A
; This description is equivalent to “MOV R7, R5”.


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
   MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com