Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 80 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 80 Page - NEC

Back Button UPD784938 Datasheet HTML 76Page - NEC UPD784938 Datasheet HTML 77Page - NEC UPD784938 Datasheet HTML 78Page - NEC UPD784938 Datasheet HTML 79Page - NEC UPD784938 Datasheet HTML 80Page - NEC UPD784938 Datasheet HTML 81Page - NEC UPD784938 Datasheet HTML 82Page - NEC UPD784938 Datasheet HTML 83Page - NEC UPD784938 Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 733 page
background image
80
CHAPTER 3 CPU ARCHITECTURE
Preliminary User’s Manual U13987EJ1V0UM00
(1) Internal high-speed RAM (IRAM)
The internal high-speed RAM (IRAM) allows high-speed accesses to be made. The short direct addressing mode for high-
speed accesses can be used on FD20H to FEFFH in this area. There are two kinds of short direct addressing mode, short
direct addressing 1 and short direct addressing 2, according to the target address. The function is the same in both of these
addressing modes. With some instructions, the word length is shorter with short direct addressing 2 than with short direct
addressing 1. See the 78K/IV Series User’s Manual Instructions for details.
A program fetch cannot be performed from IRAM. If a program fetch is performed from an address onto which IRAM is
mapped, CPU inadvertent loop will result.
The following areas are reserved in IRAM.
• General-purpose register area:
FE80H to FEFFH
• Macro service control word area: FE06H to FE39H (excluding 0FE22H, 0FE23H, 0FE2AH, 0FE2BH, 0FE30H, 0FE31H)
• Macro service channel area:
FE00H to FEFFH (the address is specified by the macro service control word)
If the reserved function is not used in these areas, they can be used as ordinary data memory.
Remark
The addresses in this text are those that apply when the LOCATION 0 instruction is executed. When the
LOCATION 0FH instruction is executed, 0F0000H should be added to the values shown in the text.
(2) Peripheral RAM (PRAM)
The peripheral RAM (PRAM) is used as ordinary program memory or data memory. When used as program memory, the
program must be written to the peripheral RAM beforehand by a program.
Program fetches from peripheral RAM are fast, with a 2-byte fetch being executed in 2 clocks.


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
   MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com