Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 63 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 63 Page - NEC

Back Button UPD784938 Datasheet HTML 59Page - NEC UPD784938 Datasheet HTML 60Page - NEC UPD784938 Datasheet HTML 61Page - NEC UPD784938 Datasheet HTML 62Page - NEC UPD784938 Datasheet HTML 63Page - NEC UPD784938 Datasheet HTML 64Page - NEC UPD784938 Datasheet HTML 65Page - NEC UPD784938 Datasheet HTML 66Page - NEC UPD784938 Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 733 page
background image
CHAPTER 2 PIN FUNCTIONS
63
Preliminary User’s Manual U13987EJ1V0UM00
Table 2-5. Pin Input/Output Circuit Types and Recommended Connection of Unused Pins (2/2)
Pin Name
Input/Output
Input/Output
Recommended Connection
Circuit Type
of Unused Pins
P70/ANI0 to P77/ANI7
20
Input/output
Input:
Connect to VDD or VSS
P90 to P97
5-A
Output: Leave open
P100 to P104
P105/SCK3
10-A
P106/SI3
8-A
P107/SO3
10-A
ASTB/CLKOUT
4
Output
Leave open
RESET
2
Input
IC/VPPNote
1
Directly connect to VSS
XT2
Leave open
XT1
Input
Connect to VSS
REGOFF
1
Connect to VDD
REGC
PWM0, PWM1
3
Output
Leave open
RX
2
Input
Connect to VDD or VSS
TX
3
Output
Leave open
AVREF1
Input
Connect to VSS
AVSS
AVDD
Connect to VDD
Note
The VPP pin is used only in the
µPD78F4938.
Caution
If the input/output mode is undefined for an input/output alternate-function pin, it should be connected
to VDD via a resistor of several tens of k
Ω (especially when the reset input pin goes to the low-level input
voltage or over upon powering on, and when input/output is switched by software.)
Remark
The type numbers are standard for the 78K Series, and therefore are not necessarily serial numbers within each
product (there are non-incorporated circuits).


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
   MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com