Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 56 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 56 Page - NEC

Back Button UPD784938 Datasheet HTML 52Page - NEC UPD784938 Datasheet HTML 53Page - NEC UPD784938 Datasheet HTML 54Page - NEC UPD784938 Datasheet HTML 55Page - NEC UPD784938 Datasheet HTML 56Page - NEC UPD784938 Datasheet HTML 57Page - NEC UPD784938 Datasheet HTML 58Page - NEC UPD784938 Datasheet HTML 59Page - NEC UPD784938 Datasheet HTML 60Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 733 page
background image
CHAPTER 2 PIN FUNCTIONS
56
Preliminary User’s Manual U13987EJ1V0UM00
(3) P20 to P27 (Port 2) ... Input
Port 2 is an 8-bit input-only port. P22 to P27 incorporate a software programmable pull-up resistor. As well as operating
as an input port, port 2 pins also operate as control signal input pins, such as external interrupt signal pins (see Table
2-2). All 8 pins are Schmitt-triggered inputs to prevent misoperation due to noise.
Also, pin P25 can also be made to function as a serial clock output pin by selecting the external clock as “serial operation
enabled” with the clocked serial interface mode register 1 (CSIM1).
Table 2-2. Port 2 Operation Modes
Port
Function
P20
Input port/NMI inputNote
P21
Input port/INTP0 input/CR11 capture trigger input/
timer/event counter 1 count clock/real-time output port trigger signal
P22
Input port/INTP1 input/CR22 capture trigger input
P23
Input port/INTP2 input/CI input
P24
Input port/INTP3 input/CR02 capture trigger input/
timer/event counter 0 count clock
P25
Input port/INTP4 input/ASCK input/SCK1 input/output
P26
Input port/INTP5 input/A/D converter external trigger input
P27
Input port/SI0 input
Note NMI input is acknowledged regardless of whether interrupts are enabled or disabled.
(a) Function as port pins
The pin level can always be read or tested regardless of the alternate function pin operation.
(b) Functions as control signal input pins
(i)
NMI (Non-maskable Interrupt)
The external non-maskable interrupt request input pin. Rising edge detection or falling edge
detection can be specified by setting the external interrupt mode register 0 (INTM0).
(ii)
INTP0 to INTP5 (Interrupt from Peripherals)
External interrupt request input pins. When the valid edge specified by the external interrupt mode register 0,
1 (INTM0/INTM1) is detected by pins INTP0 to INTP5, an interrupt is generated (see CHAPTER 22 EDGE
DETECTION FUNCTION).
In addition, pins INTP0 to INTP3 and INTP5 are also used as external trigger input pins with the various functions
shown below.
• INTP0 ....... Timer/event counter 1 capture trigger input pin
Timer/event counter 1 external count clock input pin
Real-time output port trigger input pin
• INTP1 ....... Timer/event counter 2 capture trigger input pin to capture register (CR22)
• INTP2 ....... Timer/event counter 2 external count clock input pin
Capture trigger input pin to capture/compare register (CR21)
• INTP3 ....... Timer/event counter 0 capture trigger input pin
Timer/event counter 0 external count clock input pin
• INTP5 ....... A/D converter external trigger input pin


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
16-Bit CMOS Single-Chip Microcontrollers
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
16-Bit CMOS Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com