Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 55 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 55 Page - NEC

Back Button UPD784938 Datasheet HTML 51Page - NEC UPD784938 Datasheet HTML 52Page - NEC UPD784938 Datasheet HTML 53Page - NEC UPD784938 Datasheet HTML 54Page - NEC UPD784938 Datasheet HTML 55Page - NEC UPD784938 Datasheet HTML 56Page - NEC UPD784938 Datasheet HTML 57Page - NEC UPD784938 Datasheet HTML 58Page - NEC UPD784938 Datasheet HTML 59Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 733 page
background image
CHAPTER 2 PIN FUNCTIONS
55
Preliminary User’s Manual U13987EJ1V0UM00
2.2 Pin Functions
2.2.1 Normal operation mode
(1) P00 to P07 (Port 0) ... 3-state input/output
Port 0 is an 8-bit input/output port with an output latch, and has direct transistor drive capability. Input/output can be specified
in 1-bit units by setting the port 0 mode register (PM0). Each pin incorporates a software programmable pull-up resistor.
P00 to P03 and P04 to P07 can output the port 0 buffer register (P0L, P0H) contents at any time interval as 4-bit or 8-bit
real-time output port. The real-time output port control register (RTPC) is used to select whether this port is used as a normal
output port or a real-time output port.
When RESET is input, port 0 is set as an input port (output high-impedance state), and the output latch contents become
undefined.
(2) P10 to P17 (Port 1) ... 3-state input/output
Port 1 is an 8-bit input/output port with an output latch. Input/output can be specified in 1-bit units by setting the port 1 mode
register (PM1). Each pin incorporates a software programmable pull-up resistor. This port has direct LED drive capability.
Pins P12 to P14 can also be made to function as serial input/output pins by setting the port 1 mode control register (PMC1).
When RESET is input, port 1 is set as an input port (output high-impedance state), and the output latch contents are
undefined.
Table 2-1. Port 1 Operation Modes
Pin Name
Port Mode
Control Signal Input/Output Mode
Operation to Operate as Control Pin
P10
Input/output port
P11
P12
ASCK2/SCK2 input/output
Set (to 1) PMC12 bit of PMC1
P13
RxD2/SI2 input
Set (to 1) PMC13 bit of PMC1
P14
TxD2/SO2 output
Set (to 1) PMC14 bit of PMC1
P15 to P17
(a) Port mode
P12 to P14 operate as port mode pins when the relevant bits of the port 1 mode control (PMC1) register are cleared
(0), and P10 and P11 and P15 to P17 always operate as port mode pins. Input/output can be specified in 1-bit units
by setting the port 1 mode register (PM1).
(b) Control signal input/output mode
P12 to P14 can be set as control pins in 1-bit units by setting the port 1 mode control (PMC1) register.
(i)
ASCK2/SCK2
ASCK2 is the asynchronous serial interface baud rate clock input pin.
SCK2 is the serial clock input/output pin (in 3-wire serial I/O2 mode).
(ii)
RxD2/SI2
RxD2 is the asynchronous serial interface serial data input pin.
SI2 is the serial data input pin (in 3-wire serial I/O2 mode).
(iii) TxD2/SO2
TxD2 is the asynchronous serial interface serial data output pin.
SO2 is the serial data output pin (in 3-wire serial I/O2 mode).


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
   MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com