Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 49 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 49 Page - NEC

Back Button UPD784938 Datasheet HTML 45Page - NEC UPD784938 Datasheet HTML 46Page - NEC UPD784938 Datasheet HTML 47Page - NEC UPD784938 Datasheet HTML 48Page - NEC UPD784938 Datasheet HTML 49Page - NEC UPD784938 Datasheet HTML 50Page - NEC UPD784938 Datasheet HTML 51Page - NEC UPD784938 Datasheet HTML 52Page - NEC UPD784938 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 733 page
background image
CHAPTER 1
GENERAL
49
Preliminary User’s Manual U13987EJ1V0UM00
The outline of the timer is as follows (for details, refer to CHAPTER 8 OUTLINE OF TIMER)
Name
Timer/Event
Timer/Event
Timer/Event
Timer 3
Item
Counter 0
Counter 1
Counter 2
Count width
8 bits
16 bits
Operation mode
Interval timer
2ch
2ch
2ch
1ch
External event counter
One-shot timer
Function
Timer output
2ch
2ch
Toggle output
PWM/PPG output
One-shot pulse outputNote
——
Real-time output
——
Pulse width measurement
1 input
1 input
2 inputs
Number of interrupt requests
2
2
2
1
Note
The one-shot pulse output function is used to make a pulse output level active by software and inactive by hardware
(interrupt request signal).
This function is different from the one-shot timer function of timer/event counter 2 in nature.
The outline of the serial interface is as follows (for details, refer to CHAPTER 17 OUTLINE OF SERIAL INTERFACE).
Function
UART/IOE1
UART/IOE2
IOE0
IOE3
3-wire serial I/O mode
(MSB first/LSB first
(MSB first/LSB first
(MSB first/LSB first
(MSB first/LSB first
switchable)
switchable)
switchable)
switchable)
Asynchronous serial
(On-chip dedicated
(On-chip dedicated
I/O mode
baud rate generator )
baud rate generator )
SBI mode
(MSB first/LSB first
(MSB first/LSB first
switchable)
switchable)


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com