Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 41 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 41 Page - NEC

Back Button UPD784938 Datasheet HTML 37Page - NEC UPD784938 Datasheet HTML 38Page - NEC UPD784938 Datasheet HTML 39Page - NEC UPD784938 Datasheet HTML 40Page - NEC UPD784938 Datasheet HTML 41Page - NEC UPD784938 Datasheet HTML 42Page - NEC UPD784938 Datasheet HTML 43Page - NEC UPD784938 Datasheet HTML 44Page - NEC UPD784938 Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 733 page
background image
CHAPTER 1
GENERAL
41
Preliminary User’s Manual U13987EJ1V0UM00
1.1 Features
• 78K/IV Series
• High-speed instruction execution
• Minimum instruction execution time: 320 ns (@ 6.29-MHz operation)
160 ns (@ 12.58-MHz operation)
• Instruction set suitable for control applications
• Data memory expansion function (1-Mbyte memory space: 2 bank specification pointers)
• Interrupt controller (4-level priority system)
• Vectored interrupt service/macro service/context switching
• Standby functions: HALT/STOP/IDLE modes
• Internal memory: • ROM
Mask ROM:
256 Kbytes (
µPD784938)
192 Kbytes (
µPD784937)
128 Kbytes (
µPD784936)
96 Kbytes (
µPD784935)
Flash memory: 256 Kbytes (
µPD78F4938)
• RAM:
10,240 bytes (
µPD784938, 78F4938)
8,192 bytes (
µPD784937)
6,656 bytes (
µPD784936)
5,120 bytes (
µPD784935)
• I/O pins: 80
• Software programmable pull-up: 70 inputs
• Direct LED drive capability:
24 outputs
• Direct transistor drive capability: 8 outputs
• N-ch open-drain:
4 outputs
• Serial interface
• UART/IOE (3-wire serial I/O): 2 channels (with on-chip baud rate generator)
• CSI (3-wire serial I/O): 2 channels
• Real-time output ports (combination with timer/counter allows independent control of 2-system stepping motors)
• A/D converter (8-bit resolution × 8 channels)
• PWM outputs (12-bit resolution × 2 channels)
• On-chip simple model with IEBus controller
• Watch timer (operation with main clock possible in the IDLE mode)
• Power-saving regulator
• High-performance timer/counter
• Timer/event counter (16 bits)
× 3 units
• Timer (16 bits)
× 1 unit
• Watchdog timer: 1 channel
• Clock output function: fCLK, fCLK/2, fCLK/4, fCLK/8, fCLK/16 can be selected
• On-chip ROM correction function


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
   MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com