Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 39 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 39 Page - NEC

Back Button UPD784938 Datasheet HTML 35Page - NEC UPD784938 Datasheet HTML 36Page - NEC UPD784938 Datasheet HTML 37Page - NEC UPD784938 Datasheet HTML 38Page - NEC UPD784938 Datasheet HTML 39Page - NEC UPD784938 Datasheet HTML 40Page - NEC UPD784938 Datasheet HTML 41Page - NEC UPD784938 Datasheet HTML 42Page - NEC UPD784938 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 733 page
background image
39
Preliminary User’s Manual U13987EJ1V0UM00
CHAPTER 1
GENERAL
The
µPD784938 Subseries consists of 78K/IV Series products that combine a 78K/IV Series CPU core enabling mounting
large-capacity memory and a IEBusTM (Inter Equipment BusTM) controller. The 78K/IV Series consists of 16-bit single-chip
microcontrollers, and comes with a high-performance CPU that has various functions including a function to access 1-Mbyte
memory spaces.
The
µPD784938 Subseries is based on the µPD784908 Subseries. It features expanded internal ROM and RAM capacities
and the addition of a ROM correction function.
The
µPD784938 has a 256-Kbyte mask ROM and 10,240-byte RAM on chip. Besides an IEBus controller, it features among
other things a high-performance timer counter, an 8-bit A/D converter, a PWM output function, a 2-channel independent serial
interface, and a watch timer.
The
µPD784937 replaces the mask ROM of the µPD784938 with a 192-Kbyte mask ROM.
The
µPD784936 replaces the mask ROM and RAM of the µPD784938 with a 128-Kbyte mask ROM and a 6,656-byte RAM.
The
µPD784935 replaces the mask ROM and RAM of the µPD784938 with a 96-Kbyte mask ROM and a 5,120-byte RAM.
The
µPD78F4938 replaces the mask ROM of the µPD784938 with flash memory.
The
µPD784938 Subseries product lineup is as follows.
These models can be used in the following fields:
• Car audio, etc.
PD784936
PD78F4938
Flash memory
RAM
256 Kbytes
10,240 bytes
Flash memory models
PD784938
ROM
RAM
256 Kbytes
10,240 bytes
Mask ROM models
PD784937
ROM
RAM
192 Kbytes
8,192 bytes
ROM
RAM
128 Kbytes
6,656 bytes
PD784935
ROM
RAM
96 Kbytes
5,120 bytes
µ
µ
µ
µ
µ


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
   MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com