Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784938 Datasheet(PDF) 27 Page - NEC

Part # UPD784938
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784938 Datasheet(HTML) 27 Page - NEC

Back Button UPD784938 Datasheet HTML 23Page - NEC UPD784938 Datasheet HTML 24Page - NEC UPD784938 Datasheet HTML 25Page - NEC UPD784938 Datasheet HTML 26Page - NEC UPD784938 Datasheet HTML 27Page - NEC UPD784938 Datasheet HTML 28Page - NEC UPD784938 Datasheet HTML 29Page - NEC UPD784938 Datasheet HTML 30Page - NEC UPD784938 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 733 page
background image
27
Preliminary User’s Manual U13987EJ1V0UM00
9-45
Example of Timer/Event Counter 0 PPG Signal Output ............................................................................
262
9-46
Control Register Settings for PPG Output Operation ................................................................................
262
9-47
PPG Output Setting Procedure ...................................................................................................................
263
9-48
Changing PPG Output Duty ........................................................................................................................
264
9-49
Example of Timer/Event Counter 0 One-Shot Pulse Output .....................................................................
265
9-50
Control Register Settings for One-Shot Pulse Output ...............................................................................
266
9-51
One-Shot Pulse Output Setting Procedure .................................................................................................
267
9-52
Operation when Counting is Started ...........................................................................................................
268
9-53
Example of the Case where the External Event Counter does Not Distinguish between
One Valid Edge Input and No Valid Edge Input .........................................................................................
269
9-54
To Distinguish whether One or No Valid Edge has been Input with External Event Counter ..................
270
10-1
Timer/Event Counter 1 Block Diagram .......................................................................................................
274
10-2
Timer Control Register 1 (TMC1) Format ...................................................................................................
277
10-3
Prescaler Mode Register 1 (PRM1) Format ...............................................................................................
278
10-4
Capture/Compare Control Register 1 (CRC1) Format ...............................................................................
279
10-5
Basic Operation in 8-Bit Operation Mode (BW1 = 0) .................................................................................
281
10-6
Basic Operation in 16-Bit Operation Mode (BW1 = 1) ...............................................................................
282
10-7
TM1 Clearance by Match with Compare Register (CR10, CR11) .............................................................
283
10-8
TM1 Clearance after Capture Operation ....................................................................................................
283
10-9
Clear Operation when CE1 Bit is Cleared (to 0) ........................................................................................
284
10-10
Timer/Event Counter 1 External Event Count Timing ................................................................................
285
10-11
Example of the Case where the External Event Counter does Not Distinguish between
One Valid Edge Input and No Valid Edge Input .........................................................................................
286
10-12
To Distinguish whether One or No Valid Edge has been Input with External Event Counter ..................
287
10-13
Compare Operation in 8-Bit Operation Mode .............................................................................................
288
10-14
Compare Operation in 16-Bit Operation Mode ...........................................................................................
289
10-15
TM1 Clearance after Match Detection ........................................................................................................
289
10-16
Capture Operation in 8-Bit Operation Mode ...............................................................................................
290
10-17
Capture Operation in 16-Bit Operation Mode .............................................................................................
291
10-18
TM1 Clearance after Capture Operation ....................................................................................................
292
10-19
Interval Timer Operation (1) Timing ............................................................................................................
293
10-20
Control Register Settings for Interval Timer Operation (1) ........................................................................
294
10-21
Interval Timer Operation (1) Setting Procedure .........................................................................................
295
10-22
Interval Timer Operation (1) Interrupt Request Servicing ..........................................................................
295
10-23
Interval Timer Operation (2) Timing (when CR11 is used as Compare Register) ....................................
296
10-24
Control Register Settings for Interval Timer Operation (2) ........................................................................
297
10-25
Interval Timer Operation (2) Setting Procedure .........................................................................................
297
10-26
Pulse Width Measurement Timing (when CR11 is used as Capture Register) ........................................
298
10-27
Control Register Settings for Pulse Width Measurement ..........................................................................
299
10-28
Pulse Width Measurement Setting Procedure ...........................................................................................
300
LIST OF FIGURES (5/12)
Figure No.
Title
Page


Similar Part No. - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784938A NEC-UPD784938A Datasheet
371Kb / 52P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD784938AGF-XXX-3BA RENESAS-UPD784938AGF-XXX-3BA Datasheet
692Kb / 104P
MOS INTEGRATED CIRCUITS
2001
More results

Similar Description - UPD784938

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
16-Bit CMOS Single-Chip Microcontrollers
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
16-Bit CMOS Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com