Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3845BAC Datasheet(PDF) 2 Page - ON Semiconductor

Part # UC3845BAC
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3845BAC Datasheet(HTML) 2 Page - ON Semiconductor

  UC3845BAC Datasheet HTML 1Page - ON Semiconductor UC3845BAC Datasheet HTML 2Page - ON Semiconductor UC3845BAC Datasheet HTML 3Page - ON Semiconductor UC3845BAC Datasheet HTML 4Page - ON Semiconductor UC3845BAC Datasheet HTML 5Page - ON Semiconductor UC3845BAC Datasheet HTML 6Page - ON Semiconductor UC3845BAC Datasheet HTML 7Page - ON Semiconductor UC3845BAC Datasheet HTML 8Page - ON Semiconductor UC3845BAC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
2
Pin numbers in parenthesis are for the D suffix SOIC−14 package.
Output
VC
RT/CT
Vref
VCC
Undervoltage
Lockout
GND
5.0V
Reference
Vref
Undervoltage
Lockout
Latching
PWM
Oscillator
Error
Amplifier
5(9)
3(5)
5(8)
6(10)
7(11)
Power
Ground
Current
Sense Input
1(1)
2(3)
4(7)
8(14)
Output/
Compensation
Voltage
Feedback
Input
VCC
7(12)
R
R
Figure 1. Simplified Block Diagram
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Shipping
UC384xBD
SOIC−14
55 Units/Rail
UC384xBDR2
SOIC−14
2500 Tape & Reel
UC3844BDR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
UC384xBD1
SOIC−8
98 Units/Rail
UC3844BD1G
TA = 0° to +70°C
SOIC−8
(Pb−Free)
98 Units/Rail
UC384xBD1R2
A
SOIC−8
2500 Tape & Reel
UC384xBD1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC384xBN
PDIP−8
50 Units/Rail
UC384xBNG
PDIP−8
(Pb−Free)
50 Units/Rail
UC2845BD
SOIC−14
55 Units/Rail
UC284xBDR2
SOIC−14
2500 Tape & Reel
UC2845BDR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
UC2845BD1
TA = −25° to +85°C
SOIC−8
98 Units/Rail
UC284xBD1R2
A
SOIC−8
2500 Tape & Reel
UC284xBD1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC2844BN
PDIP−8
50 Units/Rail
UC384xBVD
SOIC−14
55 Units/Rail
UC3844BVDR2
SOIC−14
2500 Tape & Reel
UC384xBVD1
TA = −40° to +105°C
SOIC−8
98 Units/Rail
UC384xBVD1R2
A
SOIC−8
2500 Tape & Reel
UC384xBVN
PDIP−8
50 Units/Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
x indicates either a 4 or 5 to define specific device part numbers.


Similar Part No. - UC3845BAC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3845B STMICROELECTRONICS-UC3845B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3845B ONSEMI-UC3845B Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
STMicroelectronics
UC3845B STMICROELECTRONICS-UC3845B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845B STMICROELECTRONICS-UC3845B Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
March 1999
UC3845B STMICROELECTRONICS-UC3845B Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3845BAC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com