Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRAYJ-300XX-64P-PCB Datasheet(PDF) 27 Page - ON Semiconductor

Part # ARRAYJ-300XX-64P-PCB
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ-300XX-64P-PCB Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ARRAYJ-300XX-64P-PCB Datasheet HTML 23Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 24Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 25Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 26Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 27Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 28Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 29Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 30Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ArrayJ Series
www.onsemi.com
27
Biasing and Readout from the Standard Breakout
Boards
The purpose of the Breakout Boards is to allow easy
access to either standard or fast I/O from individual pixels
for testing purposes. It should be stressed that the breakout
boards are for evaluation purposes only and do not allow for
full readout of all pixels simultaneously.
The various Breakout Boards described in this document
have features in common. All pixel fast and standard signals
are brought out to headers. The header pins can be interfaced
with the SMA connectors with the option of routing the
signal via a balun transformer. The common I/O consists of
all of the substrate connections summed together. It is not
recommended to apply the bias to the common I/O.
The Breakout Boards are each shipped with 3 x shunt
jumpers and 6 x 10 cm wire cables (3 x red, 3 x black) with
crimp sockets at each end.
All header pins are suitable for use with wire wrapping in
addition to the jumpers and crimp socket leads supplied.
The ‘NC’ signals are unconnected pins that can be used for
prototyping.
SMA Connector
Each Breakout Board has three SMA connectors that can
be used for supplying bias voltage and accessing signals. In
addition, each SMA has a balun transformer in close
proximity for impedance matching of the fast signals, shown
in Figure 13. To interface signals from the array to the SMA
connectors, there is a 4−pin header, shown in Figure 12. The
pins are labelled; Fin, Fout, I (Inner) and O (Outer).
Fin provides the input to the balun transformer.
Fout is the output of the balun transformer.
I provides direct connection to the inner part of the
SMA connector.
O provides direct connection to the outer part of the
SMA connector.
Balun Transformer
The Balun transformer (RFMD RFXF9503) allows
impedance matching of the fast output signal to the readout
electronics. For a customer considering their own design,
the Balun is not required if the readout amplifiers are placed
in close proximity to the sensor pixels of the array.
For optimized timing performance, the impedance
matching and signal propagation from the SiPM sensor to
the readout electronics must be carefully considered.
Figure 14. (right) photo and (left) schematic of the BOB SMA, balun transformer and
4−pin header arrangement.


Similar Part No. - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-144P-PCB ONSEMI-ARRAYC-30035-144P-PCB Datasheet
1Mb / 29P
Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-16P-PCB ONSEMI-ARRAYC-30035-16P-PCB Datasheet
1Mb / 29P
Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-BGA ONSEMI-ARRAYC-60035-4P-BGA Datasheet
1Mb / 29P
Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-GEVB ONSEMI-ARRAYC-60035-4P-GEVB Datasheet
1Mb / 29P
Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
More results

Similar Description - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
Un-mounted Laser Bars, 50 Fill-factor, 808 nm
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
Unmounted Laser Bars, 50% Fill Factor, 940nm
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com