Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRAYJ-300XX-64P-PCB Datasheet(PDF) 24 Page - ON Semiconductor

Part # ARRAYJ-300XX-64P-PCB
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ-300XX-64P-PCB Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ARRAYJ-300XX-64P-PCB Datasheet HTML 20Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 21Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 22Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 23Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 24Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 25Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 26Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 27Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ArrayJ Series
www.onsemi.com
24
Table 5. CONNECTOR PIN−OUTS FOR THE ARRAYJ−300XX−64P
J1
J2
PIN
SIGNAL
PIN
SIGNAL
PIN
SIGNAL
PIN
SIGNAL
1
S9
2
S1
1
S41
2
S33
3
F9
4
F1
3
F41
4
F33
5
CM
6
S10
5
CM
6
S42
7
S2
8
F10
7
S34
8
F42
9
F2
10
CM
9
F34
10
CM
11
S11
12
S3
11
S43
12
S35
13
F11
14
F3
13
F43
14
F35
15
CM
16
S12
15
CM
16
S44
17
S4
18
F12
17
S36
18
F44
19
F4
20
CM
19
F36
20
CM
21
S13
22
S5
21
S45
22
S37
23
F13
24
F5
23
F45
24
F37
25
CM
26
S14
25
CM
26
S46
27
S6
28
F14
27
S38
28
F46
29
F6
30
CM
29
F38
30
CM
31
S15
32
S7
31
S47
32
S39
33
F15
34
F7
33
F47
34
F39
35
CM
36
S16
35
CM
36
S48
37
S8
38
F16
37
S40
38
F48
39
F8
40
CM
39
F40
40
CM
41
CM
42
F24
41
CM
42
F56
43
F32
44
S24
43
F64
44
S56
45
S32
46
CM
45
S64
46
CM
47
F23
48
F31
47
F55
48
F63
49
S23
50
S31
49
S55
50
S63
51
CM
52
F22
51
CM
52
F54
53
F30
54
S22
53
F62
54
S54
55
S30
56
CM
55
S62
56
CM
57
F21
58
F29
57
F53
58
F61
59
S21
60
S29
59
S53
60
S61
61
CM
62
F20
61
CM
62
F52
63
F28
64
S20
63
F60
64
S52
65
S28
66
CM
65
S60
66
CM
67
F19
68
F27
67
F51
68
F59
69
S19
70
S27
69
S51
70
S59
71
CM
72
F18
71
CM
72
F50
73
F26
74
S18
73
F58
74
S50
75
S26
76
CM
75
S58
76
CM
77
F17
78
F25
77
F49
78
F57
79
S17
80
S25
79
S49
80
S57
CM
Common I/O
Sn
Standard I/O of pixel n
Fn
Fast output of pixel n


Similar Part No. - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-144P-PCB ONSEMI-ARRAYC-30035-144P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-16P-PCB ONSEMI-ARRAYC-30035-16P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-BGA ONSEMI-ARRAYC-60035-4P-BGA Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-GEVB ONSEMI-ARRAYC-60035-4P-GEVB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
More results

Similar Description - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
logo
OSRAM GmbH
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
   Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
   Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
   Un-mounted Laser Bars, 50 Fill-factor, 808 nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com