Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRAYJ-300XX-64P-PCB Datasheet(PDF) 12 Page - ON Semiconductor

Part # ARRAYJ-300XX-64P-PCB
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ-300XX-64P-PCB Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ARRAYJ-300XX-64P-PCB Datasheet HTML 8Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 9Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 10Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 11Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 12Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 13Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 14Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 15Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ArrayJ Series
www.onsemi.com
12
ARRAYJ−60035−4P−PCB (2 x 2 Array of 6 mm Pixels)
The ARRAYJ−60035−4P−PCB is an evaluation board
allowing
easy
access
to
the
signals
of
a
ARRAYJ−60035−4P−BGA via pins.
The ARRAYJ−60035−4P−PCB has the array on the front
and pins on the back of the PCB. The pins are compatible
with a standard 8−pin DIL socket for evaluation purposes.
Alternatively, the pins can be directly soldered into
through−holes in the user’s readout PCB. Four of the pins are
connected to the anodes of the individual pixels and the other
four pins are connected to the common cathode. An example
mating 8−pin DIL socket is the 110−93−308−41−001000
from Mill−Max.
The ARRAYJ−60035−4P−PCB does NOT provide access
to the fast output.
ARRAYJ−60035−4P−PCB Pin−Outs
Pin. No
Function
1
Anode 1
2
Common Cathode
3
Anode 3
4
Common Cathode
5
Common Cathode
6
Anode 4
7
Common Cathode
8
Anode 2
The location of the pin 1 indicator is shown on the image
on the right.
ARRAYJ−60035−4P−PCB Board Dimensions and Pin Locations
The complete ARRAYJ−60035−4P−PCB CAD is available to download.


Similar Part No. - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-144P-PCB ONSEMI-ARRAYC-30035-144P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-16P-PCB ONSEMI-ARRAYC-30035-16P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-BGA ONSEMI-ARRAYC-60035-4P-BGA Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-GEVB ONSEMI-ARRAYC-60035-4P-GEVB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
More results

Similar Description - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
logo
OSRAM GmbH
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
   Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
   Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
   Un-mounted Laser Bars, 50 Fill-factor, 808 nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com