Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRAYJ-300XX-64P-PCB Datasheet(PDF) 10 Page - ON Semiconductor

Part # ARRAYJ-300XX-64P-PCB
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ-300XX-64P-PCB Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ARRAYJ-300XX-64P-PCB Datasheet HTML 6Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 7Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 8Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 9Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 10Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 11Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 12Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 13Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ArrayJ Series
www.onsemi.com
10
BGA Connections for the ARRAYJ−60035−4P−BGA
The fiducial is indicated in the image below. It marks the
location of both pin A1 and pixel 1.
Fiducial
Pin. No
Function
A1
Anode 1
A2
Anode 2
A3
Common Cathode
B1
Anode 3
B2
Anode 4
B3
Common Cathode
C1
Common Cathode
C2
Common Cathode
C3
Common Cathode
ARRAYJ−60035−4P−BGA − Solder Footprint and
Reflow Solder Profile
The BGA package is compatible with standard reflow
solder processes (J−STD−20) and so is ideal for
high−volume manufacturing.
The ARRAYJ−60035−4P−BGA should be mounted
according to specified soldering pad patterns, as shown in
Figure 5 and in the CAD file which can be downloaded here.
The solder pads may be oversized to ease placement of the
carrier on the PCB. Consult with your contract manufacturer
for recommendation based upon placement accuracy
capability.
Solder paste (ON Semiconductor recommend using
no−clean solder paste) must be evenly applied to each
soldering pad to insure proper bonding and positioning of
the array. After soldering, allow at least three minutes for the
component to cool to room temperature before further
operations.
Solder reflow conditions must be in compliance with
J−STD−20, table 5.2. This is summarized in Figure 6. The
number of passes should not be more than 2.
Figure 5. Recommended solder footprint for use with the ARRAYJ−60035−4P−BGA


Similar Part No. - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-144P-PCB ONSEMI-ARRAYC-30035-144P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-16P-PCB ONSEMI-ARRAYC-30035-16P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-BGA ONSEMI-ARRAYC-60035-4P-BGA Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-GEVB ONSEMI-ARRAYC-60035-4P-GEVB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
More results

Similar Description - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
logo
OSRAM GmbH
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
   Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
   Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
   Un-mounted Laser Bars, 50 Fill-factor, 808 nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com