Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRAYJ-300XX-64P-PCB Datasheet(PDF) 1 Page - ON Semiconductor

Part # ARRAYJ-300XX-64P-PCB
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ-300XX-64P-PCB Datasheet(HTML) 1 Page - ON Semiconductor

  ARRAYJ-300XX-64P-PCB Datasheet HTML 1Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 2Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 3Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 4Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 5Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 6Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 7Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 8Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Semiconductor Components Industries, LLC, 2018
January, 2019 − Rev. 6
1
Publication Order Number:
ARRAYJ−SERIES/D
ArrayJ Series
Silicon Photomultiplier
(SiPM) High Fill-Factor
Arrays
ON Semiconductor’s range of J−Series SiPM sensors have been
used to create high fill−factor, scaleable arrays. The sensors are
mounted onto PCB boards with minimal dead space, forming arrays
with industry−leading fill factor of up to 90%.
The back of each ArrayJ has either one or more multi−way
connectors, or a BGA (ball grid array). These allow access to the fast
output* and standard I/O from each pixel in the array, and a common
I/O from the summed substrates of the pixels.
The ArrayJ products with connectors can be used to interface with
the user’s own readout via a mating connector, or to a
ON Semiconductor Breakout Board (BOB). The BOBs allow for easy
access to the pixel signals and performance evaluation of the arrays.
ArrayJ products with the BGA can be reflow soldered to the user’s
readout boards, or purchased ready−mounted on a pinned PCB
evaluation board for easy testing. A BGA ArrayJ cannot be removed
from it’s PCB evaluation board. This contrasts with an ArrayJ with
connectors, as multiple arrays can be evaluated with a single BOB.
ArrayJ Inputs and Outputs (I/O)
Figure 1 summarizes the array schematic for a portion of an ArrayJ.
Each SiPM sensor in the array has three electrical connections: fast
output, standard output and common.
The substrates (cathodes) of all sensors are summed together to
form the common I/O.
Each individual fast output and standard I/O (anode) are routed to its
own output pin.
The pixel−level performance of the sensors in the array can be found
in the J−Series datasheet.
Table of Contents
ARRAYJ-60035-64P-PCB (8 X 8 Array of 6 mm Pixels)
2
....................
ARRAYX-BOB6-64P (Breakout Board for the ARRAYJ-60035-64P)
5
.........
ARRAYX-BOB6-64S (Summed Breakout Board for the ARRAYJ-60035-64P)
7
...
ARRAYJ-60035-4P-BGA (2 X 2 Array of 6 mm Pixels)
9
....................
ARRAYJ-60035-4P-PCB (2 X 2 Array of 6 mm Pixels)
12
....................
ARRAYJ-300XX-16P-PCB (4 X 4 Array of 3 mm Pixels)
17
..................
ARRAYJ-BOB3-16P (ARRAYJ-300XX-16P Breakout Board)
19
..............
ARRAYJ-300XX-64P-PCB (8 X 8 Array of 3 mm Pixels)
21
..................
ARRAYJ-BOB3-64P (ARRAYJ-300XX-64P & ARRAYJ-40035-64P
Breakout Board)
25
.....................................................
Biasing and Readout from the Standard Breakout Boards
27
.................
Appendix A
29
.........................................................
Appendix B
30
.........................................................
Appendix C
31
.........................................................
Ordering Information
32
.................................................
* The fast output is not available on the 2x2 array (ARRAYJ−60035−4P).
www.onsemi.com
Figure 1. Signal connections at the pixel
level on the ArrayJ products.
ATTENTION!
Great care should be taken when disconnecting the
ArrayJ PCBs from the mating connectors, either on one
of the BOBs, or the user’s own boards.
The board should be gently levered up, working
progressively around the board to lever the PCB from the
connector a little on all sides, and then repeating the
process until the connectors are free from each other.
Use of Scintillators with the ArrayJ
Products
Please consult the Application Note on the use of
scintillators with the TSV arrays.
Common
S1
F1
S2
F2
Sn+1
Fn+1
Sn+2
Fn+2


Similar Part No. - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-144P-PCB ONSEMI-ARRAYC-30035-144P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-16P-PCB ONSEMI-ARRAYC-30035-16P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-BGA ONSEMI-ARRAYC-60035-4P-BGA Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-GEVB ONSEMI-ARRAYC-60035-4P-GEVB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
More results

Similar Description - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
logo
OSRAM GmbH
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
   Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
   Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
   Un-mounted Laser Bars, 50 Fill-factor, 808 nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com