Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRAYJ-60035-4P-BGA Datasheet(PDF) 6 Page - ON Semiconductor

Part # ARRAYJ-60035-4P-BGA
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ-60035-4P-BGA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ARRAYJ-60035-4P-BGA Datasheet HTML 2Page - ON Semiconductor ARRAYJ-60035-4P-BGA Datasheet HTML 3Page - ON Semiconductor ARRAYJ-60035-4P-BGA Datasheet HTML 4Page - ON Semiconductor ARRAYJ-60035-4P-BGA Datasheet HTML 5Page - ON Semiconductor ARRAYJ-60035-4P-BGA Datasheet HTML 6Page - ON Semiconductor ARRAYJ-60035-4P-BGA Datasheet HTML 7Page - ON Semiconductor ARRAYJ-60035-4P-BGA Datasheet HTML 8Page - ON Semiconductor ARRAYJ-60035-4P-BGA Datasheet HTML 9Page - ON Semiconductor ARRAYJ-60035-4P-BGA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ArrayJ Series
www.onsemi.com
6
Table 2. HEADER SIGNALS ON THE ARRAYX−BOB6−64P
Pin
J3
J4
J5
J6
1
2
NC
NC
NC
NC
NC
NC
NC
NC
3
4
NC
NC
NC
NC
NC
NC
NC
NC
5
6
CM
CM
CM
CM
CM
CM
CM
CM
7
8
CM
CM
CM
CM
CM
CM
CM
CM
9
10
F1
S1
F49
S49
F17
S17
F21
S21
11
12
F9
S9
F57
S57
F25
S25
F29
S29
13
14
F2
S2
F50
S50
F18
S18
F22
S22
15
16
F10
S10
F58
S58
F26
S26
F30
S30
17
18
F3
S3
F51
S51
F19
S19
F23
S23
19
20
F11
S11
F59
S59
F27
S27
F31
S31
21
22
F4
S4
F52
S52
F20
S20
F24
S24
23
24
F12
S12
F60
S60
F28
S28
F32
S32
25
26
CM
CM
CM
CM
CM
CM
CM
CM
27
28
F5
S5
F53
S53
F33
S33
F37
S37
29
30
F13
S13
F61
S61
F41
S41
F45
S45
31
32
F6
S6
F54
S54
F34
S34
F38
S38
33
34
F14
S14
F62
S62
F42
S42
F46
S46
35
36
F7
S7
F55
S55
F35
S35
F39
S39
37
38
F15
S15
F63
S63
F43
S43
F47
S47
39
40
F8
S8
F56
S56
F36
S36
F40
S40
41
42
F16
S16
F64
S64
F44
S44
F48
S48
43
44
CM
CM
CM
CM
CM
CM
CM
CM
45
46
CM
CM
CM
CM
CM
CM
CM
CM
47
48
NC
NC
NC
NC
NC
NC
NC
NC
49
50
NC
NC
NC
NC
NC
NC
NC
NC
NC
Not Connected
CM
Common I/O
Sn
Standard I/O of pixel n
Fn
Fast output of pixel n


Similar Part No. - ARRAYJ-60035-4P-BGA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-144P-PCB ONSEMI-ARRAYC-30035-144P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-16P-PCB ONSEMI-ARRAYC-30035-16P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-BGA ONSEMI-ARRAYC-60035-4P-BGA Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-GEVB ONSEMI-ARRAYC-60035-4P-GEVB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
More results

Similar Description - ARRAYJ-60035-4P-BGA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
logo
OSRAM GmbH
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
   Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
   Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
   Un-mounted Laser Bars, 50 Fill-factor, 808 nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com