Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSE14MCM1 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSE14MCM1
Description  Chime Once per 3 Seconds
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSE14MCM1 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSE14MCM1 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Medium
7 to 14 VDC
Specifications:
MSE14MCM1
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Voltage Rating
Sound Level Category
Mode of Operation
Chime @ Once per 3 Seconds
50mA MAX
-40° to +65° C
-40° to +80° C
Valox (UL94V-0), Color: Black
Options
Storage Temperature
Housing Material
3900 ± 500 Hz
Frequency
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
4.0g
Please contact factory.
Weight (Typical)
Dimensions: Inches (mm)
Loudness @ 1 FT
Current Draw
Operating Temperature
75 to 85 dB(A) Typ.


Similar Part No. - MSE14MCM1

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSE14MCM1S MSPI-MSE14MCM1S Datasheet
48Kb / 1P
Sales Outline Drawing
More results

Similar Description - MSE14MCM1

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AVXX32E-A APLUS-AVXX32E-A Datasheet
203Kb / 10P
3, 7, 14 Seconds Complicate Pure Speech
logo
List of Unclassifed Man...
M1D-BL ETC-M1D-BL Datasheet
106Kb / 5P
WIRELESS DOOR CHIME
logo
Siemens Semiconductor G...
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
logo
Systemsensor advanced i...
CH1224 SYSTEMSENSOR-CH1224 Datasheet
244Kb / 2P
Chime and Chime Strobe
logo
Gamewell-FCI by Honeywe...
72041 GAMEWELL-FCI-72041 Datasheet
34Kb / 2P
SERIES CH CHIME STROBES
logo
Mallory Sonalert Produc...
ZA028LDCM1 MSPI-ZA028LDCM1 Datasheet
131Kb / 1P
Mode of OperationChime @ Once per 3 Seconds
ZT028LACM1R MSPI-ZT028LACM1R Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds Repeating.
ZT028LACM1R15 MSPI-ZT028LACM1R15 Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds for 15 Seconds, then Flashing Light until Reset
ZT028LACM1R30 MSPI-ZT028LACM1R30 Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds for 30 Seconds, then Flashing Light until Reset
MSE14LCM1 MSPI-MSE14LCM1 Datasheet
43Kb / 1P
Mode of Operation Chime @ Once per 3 Seconds
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com