Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5452876 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452876
Description  Printed-circuit board connector - BCVP-500W-21 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452876 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452876 Datasheet HTML 1Page - PHOENIX CONTACT 5452876 Datasheet HTML 2Page - PHOENIX CONTACT 5452876 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452876
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-500W-21 BK - 5452876
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 21, Pitch: 5 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27141133
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 5452876

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452870 PHOENIX-5452870 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-15 BK
5452871 PHOENIX-5452871 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-16 BK
5452872 PHOENIX-5452872 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-17 BK
5452873 PHOENIX-5452873 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-18 BK
5452874 PHOENIX-5452874 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-19 BK
More results

Similar Description - 5452876

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5439730 PHOENIX-5439730 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W-21 GY
5450735 PHOENIX-5450735 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-21 GN
5452864 PHOENIX-5452864 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W- 9 BK
5452875 PHOENIX-5452875 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-20 BK
5452872 PHOENIX-5452872 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-17 BK
5452869 PHOENIX-5452869 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-14 BK
5452858 PHOENIX-5452858 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W- 3 BK
5452863 PHOENIX-5452863 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W- 8 BK
5452874 PHOENIX-5452874 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-19 BK
5452878 PHOENIX-5452878 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-23 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com