Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5452816 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452816
Description  Printed-circuit board connector - BCVP-500RF-14 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452816 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452816 Datasheet HTML 1Page - PHOENIX CONTACT 5452816 Datasheet HTML 2Page - PHOENIX CONTACT 5452816 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452816
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-500RF-14 BK - 5452816
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 14, Pitch: 5 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27141134
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 5452816

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452810 PHOENIX-5452810 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 8 BK
5452811 PHOENIX-5452811 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 9 BK
5452812 PHOENIX-5452812 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-10 BK
5452813 PHOENIX-5452813 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-11 BK
5452814 PHOENIX-5452814 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-12 BK
More results

Similar Description - 5452816

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452818 PHOENIX-5452818 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-16 BK
5452819 PHOENIX-5452819 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-17 BK
5452820 PHOENIX-5452820 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-18 BK
5452821 PHOENIX-5452821 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-19 BK
5452822 PHOENIX-5452822 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-20 BK
5452812 PHOENIX-5452812 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-10 BK
5452805 PHOENIX-5452805 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 3 BK
5452807 PHOENIX-5452807 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 5 BK
5452808 PHOENIX-5452808 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 6 BK
5452810 PHOENIX-5452810 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 8 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com