Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5452873 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 5452873
Description  Printed-circuit board connector - BCVP-500W-18 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452873 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  5452873 Datasheet HTML 1Page - PHOENIX CONTACT 5452873 Datasheet HTML 2Page - PHOENIX CONTACT 5452873 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452873
04/25/2016   Page 2 / 3
Printed-circuit board connector - BCVP-500W-18 BK - 5452873
Classifications
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121409
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / VDE Gutachten mit Fertigungsüberwachung / IECEE CB Scheme / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V
cUL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V


Similar Part No. - 5452873

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452870 PHOENIX-5452870 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-15 BK
5452871 PHOENIX-5452871 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-16 BK
5452872 PHOENIX-5452872 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-17 BK
5452874 PHOENIX-5452874 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-19 BK
5452875 PHOENIX-5452875 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-20 BK
More results

Similar Description - 5452873

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452864 PHOENIX-5452864 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W- 9 BK
5452875 PHOENIX-5452875 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-20 BK
5452872 PHOENIX-5452872 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-17 BK
5452869 PHOENIX-5452869 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-14 BK
5452876 PHOENIX-5452876 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-21 BK
5452858 PHOENIX-5452858 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W- 3 BK
5452863 PHOENIX-5452863 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W- 8 BK
5452874 PHOENIX-5452874 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-19 BK
5452878 PHOENIX-5452878 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-23 BK
5452879 PHOENIX-5452879 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500W-24 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com