Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5452819 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 5452819
Description  Printed-circuit board connector - BCVP-500RF-17 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452819 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  5452819 Datasheet HTML 1Page - PHOENIX CONTACT 5452819 Datasheet HTML 2Page - PHOENIX CONTACT 5452819 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452819
04/25/2016   Page 2 / 3
Printed-circuit board connector - BCVP-500RF-17 BK - 5452819
Classifications
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121409
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / VDE Gutachten mit Fertigungsüberwachung / IECEE CB Scheme / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V
cUL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V


Similar Part No. - 5452819

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452810 PHOENIX-5452810 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 8 BK
5452811 PHOENIX-5452811 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 9 BK
5452812 PHOENIX-5452812 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-10 BK
5452813 PHOENIX-5452813 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-11 BK
5452814 PHOENIX-5452814 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-12 BK
More results

Similar Description - 5452819

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5438935 PHOENIX-5438935 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500RF-17 GY
5450502 PHOENIX-5450502 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500RF-17 GN
5452818 PHOENIX-5452818 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-16 BK
5452820 PHOENIX-5452820 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-18 BK
5452821 PHOENIX-5452821 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-19 BK
5452822 PHOENIX-5452822 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-20 BK
5452812 PHOENIX-5452812 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF-10 BK
5452805 PHOENIX-5452805 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 3 BK
5452807 PHOENIX-5452807 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 5 BK
5452808 PHOENIX-5452808 Datasheet
90Kb / 3P
Printed-circuit board connector - BCVP-500RF- 6 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com