Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8532-10-4M0 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # RT8532-10-4M0
Description  Current-compensated Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

RT8532-10-4M0 Datasheet(HTML) 1 Page - Schaffner International Ltd

  RT8532-10-4M0 Datasheet HTML 1Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 2Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 3Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 4Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 5Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET
Common-mode Chokes RT series
Current-compensated Chokes
Rated currents from 6 to 20 A
Up to 600 VAC and VDC
2- and 3-wire configurations
Horizontal and vertical PCB mounting types
Ruggedized saturation and thermal behavior
Open construction for forced and convection
cooling
Straightforward pin-out for easy PCB design
Performance indicators
Technical specifications
Maximum continuous operating voltage
600 VAC (3-line) and 300 VAC/425 VDC (2-line)
Operating frequency
dc to 400 Hz
Rated currents
6 to 20 A @ 60°C max. convection cooling
High potential test voltage winding-to-
winding @ 25°C
2500 VAC, 60 sec, guaranteed, 2 sec factory test
Temperature range (operation and storage)
-40°C to +100°C (40/100/56)
Flammability corresponding to
UL 94 V-0
Cooling
convection/forced cooling
MTBF @ 40°C/230 V (Mil-HB-217F)
>5,000,000 hours
Approvals & Compliances
RT common-mode chokes are mainly used to filter
EMI noise on AC power lines up to 600 VAC. EMI noise
of electronic equipment can go to the power lines
and disturb the proper function of other devices like
communication devices or control logic of robotics.
Thus noise generated by the equipment from
switched power electronics or by high slew rates of
controllers needs to be filtered. RT common-mode
chokes are used to suppress EMI noise in PCB
integrated filter designs with line bypass capacitors or
in combination with single phase filters for extra low
leakage filter designs.
Features and benefits
Cost-effective PCB designs for up to 32 A with
forced cooling *
Compact size and light weight
Low magnetic leakage flux
Excellent winding insulation
Standardized foot print
Broad range of inductance ratings
Custom-specific versions on request
* See RB Application Note for forced cooling
Typical applications
AC and DC filtering for midsize power range drives,
photovoltaic inverters, fast chargers, charging
stations, UPS and switch mode power supplies
Filter with low leakage current noise or improved
immunity against grid disturbances
Electronic devices, automation and (industrial) LED
lighting
Communication devices
Medical and laboratory Equipment
Converters
Typical electrical schematic **
** 2-line chokes (2x Ln), 3-line chokes (3x Ln)


Similar Part No. - RT8532-10-4M0

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
RT8532GQW RICHTEK-RT8532GQW Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
More results

Similar Description - RT8532-10-4M0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com