Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8532-10-4M0 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # RT8532-10-4M0
Description  Current-compensated Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

RT8532-10-4M0 Datasheet(HTML) 2 Page - Schaffner International Ltd

  RT8532-10-4M0 Datasheet HTML 1Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 2Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 3Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 4Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 5Page - Schaffner International Ltd RT8532-10-4M0 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 29 Jan 2020
RT Series
Selection table
Buy
convection
*forced cooling
Inductance
**typ. Inductance
Resistance
Choke
***Ø Pin
Weight
cooling nominal
3 m/s nominal
Ln @ 25˚C
Ls @ 25˚C
R @ 25˚C
current @ 60˚C
current @ 60˚C
100kHz
100kHz
±0.1
[A]
[A]
[mH/path]
[μH/path]
[mΩ/path]
[size]
ØP [mm]
[g]
RT8122-6-10M0
6
9.5
10
30
33
1
1.1
80
RT8122-8-8M0
8
12.5
8
24.8
21
1
1.3
80
RT8122-10-6M0
10
16
6
19.2
16
1
1.4
80
RT8122-12-5M0
12
19
5
20.5
14
2
1.5
100
RT8122-16-4M0
16
27
4
17.6
10
2
1.8
110
RT8122-20-3M0
20
32
3
13.5
7
3
2
160
RT8522-6-10M0
6
9.5
10
31.5
33
4
1.1
70
RT8522-8-8M0
8
12.5
8
24
21
4
1.3
80
RT8522-10-6M0
10
16
6
19.2
16
4
1.4
80
RT8522-12-5M0
12
19
5
23
14
5
1.5
90
RT8522-16-4M0
16
27
4
18.8
10
5
1.8
110
RT8522-20-3M0
20
32
3
13.5
7
6
2.0
150
RT8132-6-6M0
6
9.5
6
18
27
7
1.1
80
RT8132-8-4M8
8
12.5
4.8
14.9
17
7
1.3
90
RT8132-10-4M0
10
16
4
16
15
8
1.5
110
RT8132-12-3M6
12
19
3.6
14.4
12
8
1.6
120
RT8132-16-3M0
16
27
3
12
8
9
1.8
170
RT8132-20-2M5
20
32
2.5
10
7
9
2.1
190
RT8532-6-6M0
6
9.5
6
18
27
10
1.1
90
RT8532-8-4M8
8
12.5
4.8
13.9
17
10
1.3
90
RT8532-10-4M0
10
16
4
16
15
11
1.5
110
RT8532-12-3M6
12
19
3.6
15.1
12
11
1.6
120
RT8532-16-3M0
16
27
3
13.8
8
12
1.8
160
RT8532-20-2M5
20
32
2.5
10.8
7
12
2.1
190
Test conditions: Inductance tolerance: +50%, –30%; Resistance tolerance: +15% @ 25°C; Electrical characteristics @ 25°C: ±2°C
* typical current for forced cooling with 3 m/s. Due to the possible turbulences and degradation of the air stream within an equipment please consider thermal
validation.
** typical stray inductance, max is 0.1% of Ln
*** Length of pin (Dimension P) is always 5.5 mm ± 1
Product selector
Examples: RT8532-16-3M0: Vertical 3-line choke for 16 A, with 3 mH ; RT8122-20-3M0: Horizontal 2-line choke for 20 A, with 3 mH


Similar Part No. - RT8532-10-4M0

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
RT8532GQW RICHTEK-RT8532GQW Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
More results

Similar Description - RT8532-10-4M0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com