Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8522-20-3M0 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # RT8522-20-3M0
Description  Current-compensated Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

RT8522-20-3M0 Datasheet(HTML) 4 Page - Schaffner International Ltd

  RT8522-20-3M0 Datasheet HTML 1Page - Schaffner International Ltd RT8522-20-3M0 Datasheet HTML 2Page - Schaffner International Ltd RT8522-20-3M0 Datasheet HTML 3Page - Schaffner International Ltd RT8522-20-3M0 Datasheet HTML 4Page - Schaffner International Ltd RT8522-20-3M0 Datasheet HTML 5Page - Schaffner International Ltd RT8522-20-3M0 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
EMC/EMI Products
Schaffner Group Datasheets 29 Jan 2020
Mechanical data: Horizontal chokes (2-line and 3-line)
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Horizontal 2-line chokes (Size 1-3)
Horizontal 3-line chokes (Size 7-9)
Dimensions
A
B
ØD (max)
H (max)
ØD1
ØD2
ØD3
ØE
(±0.5)
(±0.5)
(±0.5)
Size1 (RT8122-6-10M0, RT8122-8-8M0, RT8122-10-6M0)
21
25
45
34
42
1.5
2.5
36
SIze2 (RT8122-12-5M0, RT8122-16-4M0)
26
30
51
33
48
1.9
2.5
40
Size3 (RT8122-20-3M0)
32
36
57
37
54
2.1
2.5
43
ØA
ØD (max)
H (max)
ØD1
ØD2
(±0.5)
(±0.5)
Size 7 (RT8132-6-6M0, RT8132-8-4M8)
38
-
46
34
43
1.4
2.5
35
Size 8 (RT8132-10-4M0,RT8132-12-3M6)
44
-
51
33
48
1.7
2.5
40
Size 9 (RT8132-16-3M0, RT8132-20-2M5)
49
-
57
37
54
2.3
2.5
44
Pin material: Copper (base), Sn (final plating typical thickness 0.15 mm; composition: Sn-1.2AG-4Cu or SN-3Cu-0.25Ni)
Please visit www.schaffner.com to find more details on filter connections.


Similar Part No. - RT8522-20-3M0

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
RT8525 RICHCO-RT8525 Datasheet
222Kb / 10P
   Boost Controller with Dimming Control
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
   Current Mode Boost Controller
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
   USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8522-20-3M0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com