Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8522-8-8M0 Datasheet(PDF) 5 Page - Schaffner International Ltd

Part # RT8522-8-8M0
Description  Current-compensated Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

RT8522-8-8M0 Datasheet(HTML) 5 Page - Schaffner International Ltd

  RT8522-8-8M0 Datasheet HTML 1Page - Schaffner International Ltd RT8522-8-8M0 Datasheet HTML 2Page - Schaffner International Ltd RT8522-8-8M0 Datasheet HTML 3Page - Schaffner International Ltd RT8522-8-8M0 Datasheet HTML 4Page - Schaffner International Ltd RT8522-8-8M0 Datasheet HTML 5Page - Schaffner International Ltd RT8522-8-8M0 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
EMC/EMI Products
Schaffner Group Datasheets 29 Jan 2020
Mechanical data: Vertical chokes (2-line and 3-line)
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Vertical 2-line chokes (Size 4-6)
Vertical 3-line chokes (Size 10-12)
Dimensions
A
A1
B
L
W
H
L1
L2
L3
W1
W2
ØD2 ØD3 X
Y
(±0.5) (±0.5) (±0.5) (max) (max) (max) (±0.5) (±0.5)
(±0.5) (±0.5)
Size 4 (RT8522-6-10M0, RT8522-8-8M0, RT 8522-10-6M0) 16
-
20
43
32
44
32
26
-
27.8
22
1.5
2.5
3
2.9
SIze 5 (RT8522-12-5M0, RT8522-16-4M0)
16
-
22
50
32
52
39
33
-
27
23
1.9
2.5
3
2
Size 6 (RT8522-20-3M0)
16
-
22
56
32
57
42
35
-
31.2
25
2.1
2.5
3.5 3.1
Size 10 (RT8532-6-6M0, RT8532-8-4M8)
36
18
24
44
32
47
41
27
9
29
-
1.4
1.4
2.5 2.5
Size 11 (RT8532-10-4M0,RT8532-12-3M6)
38
19
24
49
34
53
46
28.5
9.5
31
-
1.7
1.7
4
3.5
Size 12 (RT8532-16-3M0, RT8532-20-2M5)
46
23
29
56
37
60
53
34.5
11.5 34
-
2.2
2.2
3.5 2.5
Pin material: Copper (base), Sn (final plating typical thickness 0.15 mm; composition: Sn-1.2AG-4Cu or SN-3Cu-0.25Ni)
Please visit www.schaffner.com to find more details on filter connections.


Similar Part No. - RT8522-8-8M0

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
RT8525 RICHCO-RT8525 Datasheet
222Kb / 10P
   Boost Controller with Dimming Control
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
   Current Mode Boost Controller
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
   USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8522-8-8M0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com