Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F0034B Datasheet(PDF) 6 Page - NEC

Part # UPD78F0034B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F0034B Datasheet(HTML) 6 Page - NEC

Back Button UPD78F0034B Datasheet HTML 2Page - NEC UPD78F0034B Datasheet HTML 3Page - NEC UPD78F0034B Datasheet HTML 4Page - NEC UPD78F0034B Datasheet HTML 5Page - NEC UPD78F0034B Datasheet HTML 6Page - NEC UPD78F0034B Datasheet HTML 7Page - NEC UPD78F0034B Datasheet HTML 8Page - NEC UPD78F0034B Datasheet HTML 9Page - NEC UPD78F0034B Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
6
Data Sheet U16369EJ1V0DS
• Y subseries
Function
Timer
8-Bit 10-Bit 8-Bit
Serial Interface
I/O
External
Subseries Name
8-Bit 16-Bit Watch WDT
A/D
A/D
D/A
Expansion
Control
µPD78078Y 48 K to 60 K 4 ch 1 ch 1 ch 1 ch 8 ch
2 ch 3 ch (UART: 1 ch, I2C: 1 ch)
88
1.8 V
µPD78070AY
61
2.7 V
µPD780018AY 48 K to 60 K
3 ch (I2C: 1 ch)
88
µPD780058Y 24 K to 60 K 2 ch
2 ch 3 ch (time-division UART: 1 ch, I2C: 1 ch)
68
1.8 V
µPD78058FY 48 K to 60 K
3 ch (UART: 1 ch, I2C: 1 ch)
69
2.7 V
µPD78054Y 16 K to 60 K
2.0 V
µPD780078Y 48 K to 60 K
2 ch
8 ch
4 ch (UART: 2 ch, I2C: 1 ch)
52
1.8 V
µPD780034AY 8 K to 32 K
1 ch
3 ch (UART: 1 ch, I2C: 1 ch)
51
µPD780024AY
8 ch
µPD78018FY 8 K to 60 K
2 ch (I2C: 1 ch)
53
LCD
µPD780354Y 24 K to 32 K 4 ch 1 ch 1 ch 1 ch
8 ch
4 ch (UART: 1 ch,
66
1.8 V
drive
µPD780344Y
8 ch
I
2C: 1 ch)
µPD780308Y 48 K to 60 K 2 ch
3 ch (time-division UART: 1 ch, I2C: 1 ch)
57
2.0 V
µPD78064Y 16 K to 32 K
2 ch (UART: 1 ch, I2C: 1 ch)
Bus
µPD780701Y 60 K
3 ch
2 ch
1 ch
1 ch 16 ch
––
4 ch (UART: 1 ch, I2C: 1 ch)
67
3.5 V
interface µPD780703Y
supported
µPD780833Y
65
4.5 V
Remark
Functions other than the serial interface are common to both the Y and non-Y subseries.
VDD
MIN.
Value
ROM
Capacity
(Bytes)


Similar Part No. - UPD78F0034B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F0034B RENESAS-UPD78F0034B Datasheet
153Kb / 17P
   PG-FP5
UPD78F0034BS RENESAS-UPD78F0034BS Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - UPD78F0034B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com