Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F0034B Datasheet(PDF) 5 Page - NEC

Part # UPD78F0034B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F0034B Datasheet(HTML) 5 Page - NEC

  UPD78F0034B Datasheet HTML 1Page - NEC UPD78F0034B Datasheet HTML 2Page - NEC UPD78F0034B Datasheet HTML 3Page - NEC UPD78F0034B Datasheet HTML 4Page - NEC UPD78F0034B Datasheet HTML 5Page - NEC UPD78F0034B Datasheet HTML 6Page - NEC UPD78F0034B Datasheet HTML 7Page - NEC UPD78F0034B Datasheet HTML 8Page - NEC UPD78F0034B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
5
Data Sheet U16369EJ1V0DS
The major functional differences among the subseries are listed below.
• Non-Y subseries
Function
ROM
Timer
8-Bit 10-Bit 8-Bit
Serial Interface
I/O
External
Subseries Name
8-Bit 16-Bit Watch WDT
A/D
A/D
D/A
Expansion
Control
µPD78075B 32 K to 40 K 4 ch 1 ch 1 ch 1 ch 8 ch
2 ch 3 ch (UART: 1 ch)
88
1.8 V
µPD78078 48 K to 60 K
µPD78070A
61
2.7 V
µPD780058 24 K to 60 K 2 ch
3 ch (time-division UART: 1 ch)
68
1.8 V
µPD78058F 48 K to 60 K
3 ch (UART: 1 ch)
69
2.7 V
µPD78054 16 K to 60 K
2.0 V
µPD780065 40 K to 48 K
4 ch (UART: 1 ch)
60
2.7 V
µPD780078 48 K to 60 K
2 ch
8 ch
3 ch (UART: 2 ch)
52
1.8 V
µPD780034A 8 K to 32 K
1 ch
3 ch (UART: 1 ch)
51
µPD780024A
8 ch
µPD780034AS
4 ch
39
µPD780024AS
4 ch
µPD78014H
8 ch
2 ch
53
µPD78018F 8 K to 60 K
µPD78083 8 K to 16 K
––
1 ch (UART: 1 ch)
33
Inverter
µPD780988 16 K to 60 K 3 ch Note
1 ch
8 ch
3 ch (UART: 2 ch)
47
4.0 V
control
VFD
µPD780208 32 K to 60 K 2 ch 1 ch 1 ch 1 ch 8 ch
––
2 ch
74
2.7 V
drive
µPD780232 16 K to 24 K 3 ch
––
4 ch
40
4.5 V
µPD78044H 32 K to 48 K 2 ch 1 ch 1 ch
8 ch
1 ch
68
2.7 V
µPD78044F 16 K to 40 K
2 ch
LCD
µPD780354 24 K to 32 K 4 ch 1 ch 1 ch 1 ch
8 ch
3 ch (UART: 1 ch)
66
1.8 V
drive
µPD780344
8 ch
µPD780338 48 K to 60 K 3 ch 2 ch
10 ch 1 ch 2 ch (UART: 1 ch)
54
µPD780328
62
µPD780318
70
µPD780308 48 K to 60 K 2 ch 1 ch
8 ch
––
3 ch (time-division UART: 1 ch)
57
2.0 V
µPD78064B 32 K
2 ch (UART: 1 ch)
µPD78064 16 K to 32 K
Bus
µPD780948 60 K
2 ch
2 ch
1 ch
1 ch
8 ch
––
3 ch (UART: 1 ch)
79
4.0 V
interface
µPD78098B 40 K to 60 K
1 ch
2 ch
69
2.7 V
supported µPD780816 32 K to 60 K
2 ch
12 ch
2 ch (UART: 1 ch)
46
4.0 V
Meter
µPD780958 48 K to 60 K 4 ch 2 ch
1 ch
–––
2 ch (UART: 1 ch)
69
2.2 V
control
Dash-
µPD780852 32 K to 40 K 3 ch 1 ch 1 ch 1 ch 5 ch
––
3 ch (UART: 1 ch)
56
4.0 V
board
control
µPD780828B 32 K to 60 K
59
Note 16-bit timer: 2 channels
10-bit timer: 1 channel
VDD
MIN.
Value
Capacity
(Bytes)


Similar Part No. - UPD78F0034B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F0034B RENESAS-UPD78F0034B Datasheet
153Kb / 17P
PG-FP5
UPD78F0034BS RENESAS-UPD78F0034BS Datasheet
153Kb / 17P
PG-FP5
More results

Similar Description - UPD78F0034B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com