Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78F0034B Datasheet(PDF) 2 Page - NEC

Part # UPD78F0034B
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78F0034B Datasheet(HTML) 2 Page - NEC

  UPD78F0034B Datasheet HTML 1Page - NEC UPD78F0034B Datasheet HTML 2Page - NEC UPD78F0034B Datasheet HTML 3Page - NEC UPD78F0034B Datasheet HTML 4Page - NEC UPD78F0034B Datasheet HTML 5Page - NEC UPD78F0034B Datasheet HTML 6Page - NEC UPD78F0034B Datasheet HTML 7Page - NEC UPD78F0034B Datasheet HTML 8Page - NEC UPD78F0034B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
2
Data Sheet U16369EJ1V0DS
ORDERING INFORMATION
Part Number
Package
Internal ROM
µPD78F0034BGB-8EU
64-pin plastic LQFP (10 x 10)
Flash memory
µPD78F0034BGC-8BS
64-pin plastic LQFP (14 x 14)
Flash memory
µPD78F0034BGK-9ET
64-pin plastic TQFP (12 x 12)
Flash memory
µPD78F0034BF1-CN3
73-pin plastic FBGA (9 x 9)
Flash memory
µPD78F0034BGB(A)-8EU
64-pin plastic LQFP (10 x 10)
Flash memory
µPD78F0034BGC(A)-8BS
64-pin plastic LQFP (14 x 14)
Flash memory
µPD78F0034BGK(A)-9ET
64-pin plastic TQFP (12 x 12)
Flash memory
µPD78F0034BYGB-8EU
64-pin plastic LQFP (10 x 10)
Flash memory
µPD78F0034BYGC-8BS
64-pin plastic LQFP (14 x 14)
Flash memory
µPD78F0034BYGK-9ET
64-pin plastic TQFP (12 x 12)
Flash memory
µPD78F0034BYF1-CN3
73-pin plastic FBGA (9 x 9)
Flash memory
µPD78F0034BYGB(A)-8EU
64-pin plastic LQFP (10 x 10)
Flash memory
µPD78F0034BYGC(A)-8BS
64-pin plastic LQFP (14 x 14)
Flash memory
µPD78F0034BYGK(A)-9ET
64-pin plastic TQFP (12 x 12)
Flash memory
QUALITY GRADE
Part Number
Package
Quality Grade
µPD78F0034BGB-8EU
64-pin plastic LQFP (10 x 10)
Standard
µPD78F0034BGC-8BS
64-pin plastic LQFP (14 x 14)
Standard
µPD78F0034BGK-9ET
64-pin plastic TQFP (12 x 12)
Standard
µPD78F0034BF1-CN3
73-pin plastic FBGA (9 x 9)
Standard
µPD78F0034BGB(A)-8EU
64-pin plastic LQFP (10 x 10)
Special
µPD78F0034BGC(A)-8BS
64-pin plastic LQFP (14 x 14)
Special
µPD78F0034BGK(A)-9ET
64-pin plastic TQFP (12 x 12)
Special
µPD78F0034BYGB-8EU
64-pin plastic LQFP (10 x 10)
Standard
µPD78F0034BYGC-8BS
64-pin plastic LQFP (14 x 14)
Standard
µPD78F0034BYGK-9ET
64-pin plastic TQFP (12 x 12)
Standard
µPD78F0034BYF1-CN3
73-pin plastic FBGA (9 x 9)
Standard
µPD78F0034BYGB(A)-8EU
64-pin plastic LQFP (10 x 10)
Special
µPD78F0034BYGC(A)-8BS
64-pin plastic LQFP (14 x 14)
Special
µPD78F0034BYGK(A)-9ET
64-pin plastic TQFP (12 x 12)
Special
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) p u b lished by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.


Similar Part No. - UPD78F0034B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F0034B RENESAS-UPD78F0034B Datasheet
153Kb / 17P
PG-FP5
UPD78F0034BS RENESAS-UPD78F0034BS Datasheet
153Kb / 17P
PG-FP5
More results

Similar Description - UPD78F0034B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com