Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5439701 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5439701
Description  Printed-circuit board connector - BCVP-500W-18 GY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5439701 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5439701 Datasheet HTML 1Page - PHOENIX CONTACT 5439701 Datasheet HTML 2Page - PHOENIX CONTACT 5439701 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5439701
11/20/2014   Page 1 / 3
Printed-circuit board connector - BCVP-500W-18 GY - 5439701
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 18, Pitch: 5 mm,
Connection method: Screw connection, Color: signal grey, Contact surface: Tin
The figure shows a 5-pos. version of
the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
85 mm
General
Range of articles
BCVP-W
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A (with 2.5 mm² conductor cross section)


Similar Part No. - 5439701

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
543970 FESTO-543970 Datasheet
89Kb / 2P
   Mini slide
More results

Similar Description - 5439701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5439714 PHOENIX-5439714 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W-19 GY
5439675 PHOENIX-5439675 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W-15 GY
5439594 PHOENIX-5439594 Datasheet
63Kb / 3P
   Printed-circuit board connector - BCVP-500W- 7 GY
5439565 PHOENIX-5439565 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W- 4 GY
5439604 PHOENIX-5439604 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W- 8 GY
5439756 PHOENIX-5439756 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W-23 GY
5439769 PHOENIX-5439769 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W-24 GY
5439743 PHOENIX-5439743 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W-22 GY
5439730 PHOENIX-5439730 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W-21 GY
5439581 PHOENIX-5439581 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W- 6 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com