Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGDS-PP-16-P-A-B Datasheet(PDF) 1 Page - Festo Corporation.

Part # HGDS-PP-16-P-A-B
Description  Swivel/gripper unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HGDS-PP-16-P-A-B Datasheet(HTML) 1 Page - Festo Corporation.

  HGDS-PP-16-P-A-B Datasheet HTML 1Page - Festo Corporation. HGDS-PP-16-P-A-B Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Swivel/gripper unit
HGDS-PP-16-P-A-B
Part number: 1187958
Data sheet
Feature
Value
Size
16
Adjustment range of swivel angle
0 deg ... 210 deg
Stroke per gripper jaw
4.5 mm
Max. gripper jaw angular play ax, ay
0.1 deg
Max. gripper jaw backlash Sz
0.02 mm
Swivel angle
210 deg
Type code
HGDS
Number of gripper jaws
2
Quarter turn actuator cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Quarter turn actuator fine tuning
-6 deg
Mode of operation
Double-acting
Gripper function
Parallel
Design
with parallel gripper and gripper actuator
Quarter turn actuator
Position sensing, pneumatic gripper
With proximity sensor
Quarter turn actuator position sensing
With proximity sensor
Symbol
00991893
Operating pressure
3 bar ... 8 bar
Max. swivel frequency at 6 bar
2 Hz
Min. opening time at 6 bar
40 ms
Min. closing time at 6 bar
60 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
5 °C ... 60 °C
Gripping force per gripper jaw at 6 bar, opening
58 N
Total gripping force at 6 bar, opening
116 N
Gripping force per gripper jaw at 6 bar, closing
51 N
Total gripping force at 6 bar, closing
102 N
Maximum force on gripper jaw Fz, static
150 N
Maximum torque on gripper jaw, Mx static
11 Nm
Maximum torque on gripper jaw, My static
11 Nm
Maximum torque on gripper jaw, Mz static
11 Nm
Theoretical torque at 6 bar
1.25 Nm
Max. mass per external gripper finger
50 g
12/16/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - HGDS-PP-16-P-A-B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGDS-PP-16-P1-A-B FESTO-HGDS-PP-16-P1-A-B Datasheet
97Kb / 2P
   Swivel/gripper unit
More results

Similar Description - HGDS-PP-16-P-A-B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGDS-PP-20-P-A-B FESTO-HGDS-PP-20-P-A-B Datasheet
94Kb / 2P
   Swivel/gripper unit
HGDS-PP-16-YSRT-A-B FESTO-HGDS-PP-16-YSRT-A-B Datasheet
89Kb / 2P
   Swivel/gripper unit
HGDS-PP-12-P-A-B FESTO-HGDS-PP-12-P-A-B Datasheet
97Kb / 2P
   Swivel/gripper unit
HGDS-PP-16-P1-A-B FESTO-HGDS-PP-16-P1-A-B Datasheet
97Kb / 2P
   Swivel/gripper unit
HGDS-PP-20-P1-A-B FESTO-HGDS-PP-20-P1-A-B Datasheet
97Kb / 2P
   Swivel/gripper unit
HGDS-PP-20-YSRT-A-B FESTO-HGDS-PP-20-YSRT-A-B Datasheet
95Kb / 2P
   Swivel/gripper unit
HGDS-PP-12-YSRT-A-B FESTO-HGDS-PP-12-YSRT-A-B Datasheet
96Kb / 2P
   Swivel/gripper unit
HGDS-PP-12-P1-A-B FESTO-HGDS-PP-12-P1-A-B Datasheet
97Kb / 2P
   Swivel/gripper unit
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
   SWIVEL CASTER
logo
Festo Corporation.
8058739 FESTO-8058739 Datasheet
67Kb / 1P
   Swivel mounting
7/18/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com