Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGDS-PP-16-P1-A-B Datasheet(PDF) 2 Page - Festo Corporation.

Part # HGDS-PP-16-P1-A-B
Description  Swivel/gripper unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HGDS-PP-16-P1-A-B Datasheet(HTML) 2 Page - Festo Corporation.

  HGDS-PP-16-P1-A-B Datasheet HTML 1Page - Festo Corporation. HGDS-PP-16-P1-A-B Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Max. mass per external gripper finger
50 g
Product weight
730 g
Type of mounting
With internal thread and centering sleeve
Via through-hole and centering sleeve
With dovetail slot
Optionally:
Pneumatic connection
M5
Note on materials
RoHS-compliant
Drive shaft material
Steel
Cover material
Aluminum
POM
Seals material
NBR
Housing material
Wrought aluminum alloy
Gripper jaw material
High-alloy stainless steel
12/16/20 - Subject to change - Festo AG & Co. KG
2/2


Similar Part No. - HGDS-PP-16-P1-A-B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGDS-PP-16-P-A-B FESTO-HGDS-PP-16-P-A-B Datasheet
96Kb / 2P
Swivel/gripper unit
More results

Similar Description - HGDS-PP-16-P1-A-B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGDS-PP-20-P-A-B FESTO-HGDS-PP-20-P-A-B Datasheet
94Kb / 2P
Swivel/gripper unit
HGDS-PP-16-YSRT-A-B FESTO-HGDS-PP-16-YSRT-A-B Datasheet
89Kb / 2P
Swivel/gripper unit
HGDS-PP-12-P-A-B FESTO-HGDS-PP-12-P-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-16-P-A-B FESTO-HGDS-PP-16-P-A-B Datasheet
96Kb / 2P
Swivel/gripper unit
HGDS-PP-20-P1-A-B FESTO-HGDS-PP-20-P1-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-20-YSRT-A-B FESTO-HGDS-PP-20-YSRT-A-B Datasheet
95Kb / 2P
Swivel/gripper unit
HGDS-PP-12-YSRT-A-B FESTO-HGDS-PP-12-YSRT-A-B Datasheet
96Kb / 2P
Swivel/gripper unit
HGDS-PP-12-P1-A-B FESTO-HGDS-PP-12-P1-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
SWIVEL CASTER
logo
Festo Corporation.
8058739 FESTO-8058739 Datasheet
67Kb / 1P
Swivel mounting
7/18/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com