![]() |
Electronic Components Datasheet Search |
|
HGDS-PP-12-P1-A-B Datasheet(PDF) 1 Page - Festo Corporation. |
|
|
HGDS-PP-12-P1-A-B Datasheet(HTML) 1 Page - Festo Corporation. |
1 / 2 page ![]() Swivel/gripper unit HGDS-PP-12-P1-A-B Part number: 1187956 Data sheet Feature Value Size 12 Adjustment range of swivel angle 0 deg ... 210 deg Stroke per gripper jaw 2.5 mm Max. gripper jaw angular play ax, ay 0.1 deg Max. gripper jaw backlash Sz 0.02 mm Swivel angle 210 deg Type code HGDS Number of gripper jaws 2 Quarter turn actuator cushioning Elastic cushioning rings/pads at both ends, adjustable end positions, with fixed stop Mounting position Any Quarter turn actuator fine tuning -6 deg Mode of operation Double-acting Gripper function Parallel Design with parallel gripper and gripper actuator Quarter turn actuator Position sensing, pneumatic gripper With proximity sensor Quarter turn actuator position sensing With proximity sensor Symbol 00991893 Operating pressure 3 bar ... 8 bar Max. swivel frequency at 6 bar 2 Hz Min. opening time at 6 bar 40 ms Min. closing time at 6 bar 60 ms Operating medium Compressed air as per ISO 8573-1:2010 [7:4:4] Information on operating and pilot media Operation with oil lubrication possible (required for further use) Corrosion resistance class (CRC) 2 - Moderate corrosion stress Ambient temperature 5 °C ... 60 °C Gripping force per gripper jaw at 6 bar, opening 42 N Total gripping force at 6 bar, opening 84 N Gripping force per gripper jaw at 6 bar, closing 37 N Total gripping force at 6 bar, closing 74 N Maximum force on gripper jaw Fz, static 90 N Maximum torque on gripper jaw, Mx static 6 Nm Maximum torque on gripper jaw, My static 6 Nm Maximum torque on gripper jaw, Mz static 6 Nm Theoretical torque at 6 bar 0.85 Nm 12/16/20 - Subject to change - Festo AG & Co. KG 1/2 |
Similar Part No. - HGDS-PP-12-P1-A-B |
|
Similar Description - HGDS-PP-12-P1-A-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |