Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842A Datasheet(PDF) 1 Page - ON Semiconductor

Part # UC3842A
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842A Datasheet(HTML) 1 Page - ON Semiconductor

  UC3842A Datasheet HTML 1Page - ON Semiconductor UC3842A Datasheet HTML 2Page - ON Semiconductor UC3842A Datasheet HTML 3Page - ON Semiconductor UC3842A Datasheet HTML 4Page - ON Semiconductor UC3842A Datasheet HTML 5Page - ON Semiconductor UC3842A Datasheet HTML 6Page - ON Semiconductor UC3842A Datasheet HTML 7Page - ON Semiconductor UC3842A Datasheet HTML 8Page - ON Semiconductor UC3842A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Device
Operating
Temperature Range
Package
UC3842A, 43A
UC2842A, 43A
HIGH PERFORMANCE
CURRENT MODE
CONTROLLERS
ORDERING INFORMATION
UC3842AD
UC3843AD
TA = 0° to +70°C
TA = – 25° to +85°C
SO–14
SO–14
PIN CONNECTIONS
Order this document by UC3842A/D
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
N SUFFIX
PLASTIC PACKAGE
CASE 626
1
8
1
14
(Top View)
Vref
(Top View)
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
VCC
Output
Gnd
1
2
3
45
6
7
8
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
NC
VCC
VC
Output
Gnd
Power Ground
1
2
3
4
5
6
7
9
8
10
11
12
13
14
UC3842AN
UC3843AN
Plastic
Plastic
UC2842AD
UC2843AD
SO–14
SO–14
UC2842AN
UC2843AN
Plastic
Plastic
1
MOTOROLA ANALOG IC DEVICE DATA
High Performance
Current Mode Controllers
The UC3842A, UC3843A series of high performance fixed frequency
current mode controllers are specifically designed for off–line and dc–to–dc
converter applications offering the designer a cost effective solution with
minimal external components. These integrated circuits feature a trimmed
oscillator for precise duty cycle control, a temperature compensated
reference, high gain error amplifier, current sensing comparator, and a high
current totem pole output ideally suited for driving a power MOSFET.
Also included are protective features consisting of input and reference
undervoltage lockouts each with hysteresis, cycle–by–cycle current limiting,
programmable output deadtime, and a latch for single pulse metering.
These devices are available in an 8–pin dual–in–line plastic package as
well as the 14–pin plastic surface mount (SO–14). The SO–14 package has
separate power and ground pins for the totem pole output stage.
The UCX842A has UYLO thresholds of 16 V (on) and 10 V (off), ideally
suited for off–line converters. The UCX843A is tailored for lower voltage
applications having UVLO thresholds of 8.5 V (on) and 7.6 V (off).
Trimmed Oscillator Discharge Current for Precise Duty Cycle Control
Current Mode Operation to 500 kHz
Automatic Feed Forward Compensation
Latching PWM for Cycle–By–Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Direct Interface with Motorola SENSEFET Products
Simplified Block Diagram
5.0V
Reference
Latching
PWM
VCC
Undervoltage
Lockout
Oscillator
Error
Amplifier
7(12)
VC
7(11)
Output
6(10)
Power
Ground
5(8)
3(5)
Current
Sense
Input
Vref
8(14)
4(7)
2(3)
1(1)
Gnd
5(9)
RTCT
Voltage
Feedback
Input
R
R
+
Vref
Undervoltage
Lockout
Output
Compensation
Pin numbers in parenthesis are for the D suffix SO–14 package.
VCC
© Motorola, Inc. 1996
Rev 1


Similar Part No. - UC3842A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842A MOTOROLA-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC3842A TI1-UC3842A Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
logo
STMicroelectronics
UC3842A STMICROELECTRONICS-UC3842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC3842A TI1-UC3842A Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
logo
STMicroelectronics
UC3842A STMICROELECTRONICS-UC3842A Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3842A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com