Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5450557 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 5450557
Description  Printed-circuit board connector - BCVP-500W- 3 GN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5450557 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  5450557 Datasheet HTML 1Page - PHOENIX CONTACT 5450557 Datasheet HTML 2Page - PHOENIX CONTACT 5450557 Datasheet HTML 3Page - PHOENIX CONTACT 5450557 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/5450557
11/05/2014   Page 2 / 4
Printed-circuit board connector - BCVP-500W- 3 GN - 5450557
Technical data
General
Maximum load current
12 A (with 2.5 mm² conductor cross section)
Insulating material
PA
Inflammability class according to UL 94
V0
Stripping length
7 mm
Number of positions
3
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101


Similar Part No. - 5450557

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54505 ETC2-54505 Datasheet
300Kb / 1P
   Two-Way Splice Connectors - Standard Barrel 600V to 35KV
logo
PHOENIX CONTACT
5450502 PHOENIX-5450502 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500RF-17 GN
5450515 PHOENIX-5450515 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500RF-18 GN
5450528 PHOENIX-5450528 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500RF-19 GN
5450531 PHOENIX-5450531 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500RF-20 GN
More results

Similar Description - 5450557

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5450748 PHOENIX-5450748 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-22 GN
5450625 PHOENIX-5450625 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-10 GN
5450612 PHOENIX-5450612 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W- 9 GN
5450638 PHOENIX-5450638 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-11 GN
5450560 PHOENIX-5450560 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W- 4 GN
5450735 PHOENIX-5450735 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-21 GN
5450751 PHOENIX-5450751 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-23 GN
5450609 PHOENIX-5450609 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W- 8 GN
5450696 PHOENIX-5450696 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-17 GN
5450706 PHOENIX-5450706 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-18 GN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com