Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5450557 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 5450557
Description  Printed-circuit board connector - BCVP-500W- 3 GN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5450557 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  5450557 Datasheet HTML 1Page - PHOENIX CONTACT 5450557 Datasheet HTML 2Page - PHOENIX CONTACT 5450557 Datasheet HTML 3Page - PHOENIX CONTACT 5450557 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/us/products/5450557
11/05/2014   Page 4 / 4
Printed-circuit board connector - BCVP-500W- 3 GN - 5450557
Approvals
cUL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V
VDE Gutachten mit Fertigungsüberwachung 
 
 
mm²/AWG/kcmil
0.2-2.5
Nominal current IN
12 A
Nominal voltage UN
320 V
cULus Recognized 
Drawings
Diagram
100
80
60
40
20
0
0
4
8
12
16
20
24
=5pos.
Ambienttemperature[°C]
Dimensioned drawing
a+5
2,5
(2,54)
(a+5,08)
(5,08)
a
5
12,6
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 5450557

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54505 ETC2-54505 Datasheet
300Kb / 1P
   Two-Way Splice Connectors - Standard Barrel 600V to 35KV
logo
PHOENIX CONTACT
5450502 PHOENIX-5450502 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500RF-17 GN
5450515 PHOENIX-5450515 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500RF-18 GN
5450528 PHOENIX-5450528 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500RF-19 GN
5450531 PHOENIX-5450531 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500RF-20 GN
More results

Similar Description - 5450557

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5450748 PHOENIX-5450748 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-22 GN
5450625 PHOENIX-5450625 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-10 GN
5450612 PHOENIX-5450612 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W- 9 GN
5450638 PHOENIX-5450638 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-11 GN
5450560 PHOENIX-5450560 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W- 4 GN
5450735 PHOENIX-5450735 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-21 GN
5450751 PHOENIX-5450751 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-23 GN
5450609 PHOENIX-5450609 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W- 8 GN
5450696 PHOENIX-5450696 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-17 GN
5450706 PHOENIX-5450706 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCVP-500W-18 GN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com