Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4530 Datasheet(PDF) 1 Page - Moxa Inc.

Part # 4530
Description  Advanced modular controller with built-in serial port
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

4530 Datasheet(HTML) 1 Page - Moxa Inc.

  4530 Datasheet HTML 1Page - Moxa Inc. 4530 Datasheet HTML 2Page - Moxa Inc. 4530 Datasheet HTML 3Page - Moxa Inc. 4530 Datasheet HTML 4Page - Moxa Inc. 4530 Datasheet HTML 5Page - Moxa Inc. 4530 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.moxa.com
1
ioThinx 4530 Series
Advanced modular controller with built-in serial port
Features and Benefits
-40 to 75°C wide operating temperature model available
Supports TPM v2.0 (optional)
Easy tool-free installation and removal
Moxa Industrial Linux with secure boot function
Supports up to 64 I/O modules
Built-in Azure/AWS/Alibaba Cloud library
Built-in OPC UA server library
Certifications
Introduction
The ioThinx 4530 Series is an advanced modular controller product with a unique hardware design, making it an ideal solution for a variety of
industrial data acquisition applications. The ioThinx 4530 Series has a unique mechanical design that reduces the amount of time required for
installation and removal, simplifying deployment and maintenance. In addition, the ioThinx 4530 Series supports Moxa Industrial Linux and a built-
in Azure/AWS/Alibaba cloud SDK so that users can easily save field data to different cloud accounts.
Easy Tool-free Installation and Removal
The ioThinx 4500 Series has a unique mechanical design that reduces the amount of time required for installation and removal. In fact, screwdrivers
and other tools are not required for any part of the hardware installation, including mounting the device on a DIN-rail, as well as connecting the
wiring for both communication and I/O signal acquisition. Furthermore, no tools are required to remove the ioThinx from a DIN-rail. Removing all of
the modules from a DIN-rail is also easy using the latch and release tab.
Built-in Azure/AWS/Alibaba Cloud Library
Saving field site data to the cloud to improve Overall Equipment Effectiveness (OEE) or implement predictive maintenance is an important aspect of
IIoT or Industry 4.0 applications. To help users to connect to the cloud more easily, the ioThinx 4530 series has Azure/AWS/Alibaba cloud SDKs
built in, saving engineers a lot of time on developing cloud connectivity applications.


Similar Part No. - 4530

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4530 WELWYN-4530 Datasheet
197Kb / 2P
High Voltage Planar Dividers
logo
Pomona Electronics
4530 POMONA-4530 Datasheet
27Kb / 1P
BNC (Male) With Molded Strain Relief To Stacking Double Banana Plug
logo
List of Unclassifed Man...
4530 ETC2-4530 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
TT Electronics.
4530 TTELEC-4530 Datasheet
269Kb / 2P
voltage up to 15 kv dc
logo
Heyco.
4530 HEYCO-4530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 4530

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64172 OKI-MSM64172 Datasheet
189Kb / 29P
4-Bit Microcontroller with Built-in Serial Port and LCD Driver
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A SII-S-7760A Datasheet
844Kb / 53P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
Advanced modular synchronous PWM controller
logo
Tripp Lite. All Rights ...
B0940082EV TRIPPLITE-B0940082EV Datasheet
504Kb / 3P
8-Port Serial Console-Terminal Server with built-in
logo
Rohm
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
Built-in Serial Peripheral Interface
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
Built-in Serial Peripheral Interface
logo
Tripp Lite. All Rights ...
B094-008-2E-V TRIPPLITE-B094-008-2E-V Datasheet
503Kb / 3P
8-Port Serial Console/Terminal Server with built-in Cellular Modem
logo
Seiko Instruments Inc
S7760A SII-S7760A Datasheet
3Mb / 54P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4510 MOXA-4510 Datasheet
4Mb / 7P
Advanced modular remote I/O adapter with built-in serial ports
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com